Moteur de recherche de fiches techniques de composants électroniques |
|
CY8C4248FNI-BL463 Fiches technique(PDF) 27 Page - Cypress Semiconductor |
|
CY8C4248FNI-BL463 Fiches technique(HTML) 27 Page - Cypress Semiconductor |
27 / 47 page PRELIMINARY PSoC® 4: PSoC 4XX8_BLE Family Datasheet Document Number: 001-94624 Rev. *K Page 27 of 47 Digital Peripherals Timer Counter Pulse Width Modulation (PWM) Table 21. Timer DC Specifications Spec ID Parameter Description Min Typ Max Units Details/Conditions SID189 ITIM1 Block current consumption at 3 MHz – – 43 µA 16-bit timer SID190 ITIM2 Block current consumption at 12 MHz – – 152 µA 16-bit timer SID191 ITIM3 Block current consumption at 48 MHz – – 620 µA 16-bit timer Table 22. Timer AC Specifications Spec ID Parameter Description Min Typ Max Units Details/Conditions SID192 TTIMFREQ Operating frequency FCLK –48 MHz – SID193 TCAPWINT Capture pulse width (internal) 2 × TCLK –– ns – SID194 TCAPWEXT Capture pulse width (external) 2 × TCLK –– ns – SID195 TTIMRES Timer resolution TCLK –– ns – SID196 TTENWIDINT Enable pulse width (internal) 2 × TCLK –– ns – SID197 TTENWIDEXT Enable pulse width (external) 2 × TCLK –– ns – SID198 TTIMRESWINT Reset pulse width (internal) 2 × TCLK –– ns – SID199 TTIMRESEXT Reset pulse width (external) 2 × TCLK –– ns – Table 23. Counter DC Specifications Spec ID Parameter Description Min Typ Max Units Details/Conditions SID200 ICTR1 Block current consumption at 3 MHz – – 43 µA 16-bit counter SID201 ICTR2 Block current consumption at 12 MHz – – 152 µA 16-bit counter SID202 ICTR3 Block current consumption at 48 MHz – – 620 µA 16-bit counter Table 24. Counter AC Specifications Spec ID Parameter Description Min Typ Max Units Details/Conditions SID203 TCTRFREQ Operating frequency FCLK –48 MHz – SID204 TCTRPWINT Capture pulse width (internal) 2 × TCLK –– ns – SID205 TCTRPWEXT Capture pulse width (external) 2 × TCLK –– ns – SID206 TCTRES Counter Resolution TCLK –– ns – SID207 TCENWIDINT Enable pulse width (internal) 2 × TCLK –– ns – SID208 TCENWIDEXT Enable pulse width (external) 2 × TCLK –– ns – SID209 TCTRRESWINT Reset pulse width (internal) 2 × TCLK –– ns – SID210 TCTRRESWEXT Reset pulse width (external) 2 × TCLK –– ns – Table 25. PWM DC Specifications Spec ID Parameter Description Min Typ Max Units Details/Conditions SID211 IPWM1 Block current consumption at 3 MHz – – 43 µA 16-bit PWM SID212 IPWM2 Block current consumption at 12 MHz – – 152 µA 16-bit PWM SID213 IPWM3 Block current consumption at 48 MHz – – 620 µA 16-bit PWM |
Numéro de pièce similaire - CY8C4248FNI-BL463 |
|
Description similaire - CY8C4248FNI-BL463 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |