Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248FNI-BL463 Fiches technique(PDF) 11 Page - Cypress Semiconductor

No de pièce CY8C4248FNI-BL463
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248FNI-BL463 Fiches technique(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C4248FNI-BL463 Datasheet HTML 7Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 8Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 9Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 10Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 11Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 12Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 13Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 14Page - Cypress Semiconductor CY8C4248FNI-BL463 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 11 of 47
Pinouts
Table 1 shows the pin list for the PSoC 4XX8_BLE device. Port 3 consists of the high-speed analog inputs for the SAR mux. All pins
support CSD CapSense and analog mux bus connections.
Table 1. PSoC 4XX8_BLE Pin List (QFN Package)
Pin
Name
Type
Description
1
VDDD
POWER
1.71-V to 5.5-V digital supply
2
XTAL32O/P6.0
CLOCK
32.768-kHz crystal
3
XTAL32I/P6.1
CLOCK
32.768-kHz crystal or external clock input
4
XRES
RESET
Reset, active LOW
5
P4.0
GPIO
Port 4 Pin 0, lcd, csd
6
P4.1
GPIO
Port 4 Pin 1, lcd, csd
7
P5.0
GPIO
Port 5 Pin 0, lcd, csd
8
P5.1
GPIO
Port 5 Pin 1, lcd, csd
9
VSSD
GROUND
Digital ground
10
VDDR
POWER
1.9-V to 5.5-V radio supply
11
GANT1
GROUND
Antenna shielding ground
12
ANT
ANTENNA
Antenna pin
13
GANT2
GROUND
Antenna shielding ground
14
VDDR
POWER
1.9-V to 5.5-V radio supply
15
VDDR
POWER
1.9-V to 5.5-V radio supply
16
XTAL24I
CLOCK
24-MHz crystal or external clock input
17
XTAL24O
CLOCK
24-MHz crystal
18
VDDR
POWER
1.9-V to 5.5-V radio supply
19
P0.0
GPIO
Port 0 Pin 0, lcd, csd
20
P0.1
GPIO
Port 0 Pin 1, lcd, csd
21
P0.2
GPIO
Port 0 Pin 2, lcd, csd
22
P0.3
GPIO
Port 0 Pin 3, lcd, csd
23
VDDD
POWER
1.71-V to 5.5-V digital supply
24
P0.4
GPIO
Port 0 Pin 4, lcd, csd
25
P0.5
GPIO
Port 0 Pin 5, lcd, csd
26
P0.6
GPIO
Port 0 Pin 6, lcd, csd
27
P0.7
GPIO
Port 0 Pin 7, lcd, csd
28
P1.0
GPIO
Port 1 Pin 0, lcd, csd
29
P1.1
GPIO
Port 1 Pin 1, lcd, csd
30
P1.2
GPIO
Port 1 Pin 2, lcd, csd
31
P1.3
GPIO
Port 1 Pin 3, lcd, csd
32
P1.4
GPIO
Port 1 Pin 4, lcd, csd
33
P1.5
GPIO
Port 1 Pin 5, lcd, csd
34
P1.6
GPIO
Port 1 Pin 6, lcd, csd
35
P1.7
GPIO
Port 1 Pin 7, lcd, csd
36
VDDA
POWER
1.71-V to 5.5-V analog supply
37
P2.0
GPIO
Port 2 Pin 0, lcd, csd
38
P2.1
GPIO
Port 2 Pin 1, lcd, csd
39
P2.2
GPIO
Port 2 Pin 2, lcd, csd


Numéro de pièce similaire - CY8C4248FNI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248FNI-BL463 CYPRESS-CY8C4248FNI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FNI-BL463 CYPRESS-CY8C4248FNI-BL463 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4248FNI-BL463

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com