Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4248AZI-L485 Fiches technique(PDF) 25 Page - Cypress Semiconductor

No de pièce CY8C4248AZI-L485
Description  Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4248AZI-L485 Fiches technique(HTML) 25 Page - Cypress Semiconductor

Back Button CY8C4248AZI-L485 Datasheet HTML 21Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 22Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 23Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 24Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 25Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 26Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 27Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 28Page - Cypress Semiconductor CY8C4248AZI-L485 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 25 of 46
CSD
SID108B
A_SAMP_3
Sample rate with no bypass cap. Internal
reference
100
ksps
SID109
A_SNDR
Signal-to-noise and distortion ratio
(SINAD)
65
dB
FIN = 10 kHz
SID111
A_INL
Integral non linearity
–1.7
+2
LSB
VDD = 1.71 to 5.5,
1 Msps, Vref = 1 to
5.5.
SID111A
A_INL
Integral non linearity
–1.5
+1.7
LSB
VDDD = 1.71 to 3.6,
1 Msps, Vref = 1.71 to
VDDD.
SID111B
A_INL
Integral non linearity
–1.5
+1.7
LSB
VDDD = 1.71 to 5.5,
500 ksps, Vref = 1 to
5.5.
SID112
A_DNL
Differential non linearity
–1
+2.2
LSB
VDDD = 1.71 to 5.5, 1
Msps, Vref = 1 to 5.5.
SID112A
A_DNL
Differential non linearity
–1
+2
LSB
VDDD = 1.71 to 3.6, 1
Msps, Vref = 1.71 to
VDDD.
SID112B
A_DNL
Differential non linearity
–1
+2.2
LSB
VDDD = 1.71 to 5.5,
500 ksps, Vref = 1 to
5.5.
SID113
A_THD
Total harmonic distortion
–65
dB
FIN = 10 kHz.
Table 13. SAR ADC AC Specifications
(Guaranteed by Characterization) (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
Table 14. CSD Block Specification
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
CSD Specification
SID308
VCSD
Voltage range of operation
1.71
5.5
V
SID309
IDAC1
DNL for 8-bit resolution
–1
1
LSB
SID310
IDAC1
INL for 8-bit resolution
–3
3
LSB
SID311
IDAC2
DNL for 7-bit resolution
–1
1
LSB
SID312
IDAC2
INL for 7-bit resolution
–3
3
LSB
SID313
SNR
Ratio of counts of finger to noise.
Guaranteed by characterization
5–
Ratio Capacitance range of
9 to 35 pF, 0.1 pF
sensitivity
SID314
IDAC1_CRT1
Output current of Idac1 (8-bits) in High
range
–612
µA
SID314A
IDAC1_CRT2
Output current of Idac1(8-bits) in Low
range
–306
µA
SID315
IDAC2_CRT1
Output current of Idac2 (7-bits) in High
range
304.8
µA
SID315A
IDAC2_CRT2
Output current of Idac2 (7-bits) in Low
range
152.4
µA


Numéro de pièce similaire - CY8C4248AZI-L485

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4248FLI-BL483 CYPRESS-CY8C4248FLI-BL483 Datasheet
4Mb / 47P
   Programmable System-on-Chip
CY8C4248FLI-BL483 CYPRESS-CY8C4248FLI-BL483 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FLI-BL483 CYPRESS-CY8C4248FLI-BL483 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FLI-BL583 CYPRESS-CY8C4248FLI-BL583 Datasheet
4Mb / 47P
   Programmable System-on-Chip (PSoC짰)
CY8C4248FNI-BL453 CYPRESS-CY8C4248FNI-BL453 Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results

Description similaire - CY8C4248AZI-L485

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com