Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4127AXI-M485 Fiches technique(PDF) 30 Page - Cypress Semiconductor

No de pièce CY8C4127AXI-M485
Description  Programmable System-on-Chip
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4127AXI-M485 Fiches technique(HTML) 30 Page - Cypress Semiconductor

Back Button CY8C4127AXI-M485 Datasheet HTML 26Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 27Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 28Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 29Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 30Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 31Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 32Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 33Page - Cypress Semiconductor CY8C4127AXI-M485 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 30 of 41
Table 36. ILO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID234
TSTARTILO1
ILO startup time
2
ms
Guaranteed by character-
ization
SID236
TILODUTY
ILO duty cycle
40
50
60
%
Guaranteed by character-
ization
SID237
FILOTRIM1
32 kHz trimmed frequency
15
32
50
kHz
Max ILO frequency is 70 kHz
if TA > 85 °C
Table 37. External Clock Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID305
ExtClkFreq
External Clock input Frequency
0
48
MHz
Guaranteed by character-
ization
SID306
ExtClkDuty
Duty cycle; Measured at VDD/2
45
55
%
Guaranteed by character-
ization
Table 38. Watch Crystal Oscillator (WCO) Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
IMO WCO-PLL calibrated mode
SID330
IMOWCO1
Frequency variation with IMO set to
3MHz
–0.6
0.6
%
Does not include WCO
tolerance
SID331
IMOWCO2
Frequency variation with IMO set to
5MHz
–0.4
0.4
%
Does not include WCO
tolerance
SID332
IMOWCO3
Frequency variation with IMO set to
7MHz or 9MHz
–0.3
0.3
%
Does not include WCO
tolerance
SID333
IMOWCO4
All other IMO frequency settings
–0.2
0.2
%
Does not include WCO
tolerance
WCO Specifications
SID398
FWCO
Crystal frequency
32.768
kHz
SID399
FTOL
Frequency tolerance
50
250
ppm
With 20-ppm crystal.
SID400
ESR
Equivalent series resistance
50
kΩ
SID401
PD
Drive level
1
µW
SID402
TSTART
Startup time
500
ms
SID403
CL
Crystal load capacitance
6
12.5
pF
SID404
C0
Crystal shunt capacitance
1.35
pF
SID405
IWCO1
Operating current (high power mode)
8
uA
Table 39. Block Specs
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID257
TWS24*
Number of wait states at 24 MHz
1
CPU execution from Flash
SID260
VREFSAR
Trimmed internal reference to SAR
–1
+1
%
Percentage of Vbg (1.024 V).
Guaranteed by character-
ization
SID261
FSARINTREF
SAR operating speed without
external reference bypass
100
ksps
12-bit resolution. Guaranteed
by characterization
SID262
TCLKSWITCH
Clock switching from clk1 to clk2 in
clk1 periods
3
4
Periods Guaranteed by design
* TWS24 is guaranteed by design


Numéro de pièce similaire - CY8C4127AXI-M485

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4127AXI-S443 CYPRESS-CY8C4127AXI-S443 Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C4127AXI-S445 CYPRESS-CY8C4127AXI-S445 Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C4127AXI-S453 CYPRESS-CY8C4127AXI-S453 Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C4127AXI-S455 CYPRESS-CY8C4127AXI-S455 Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
More results

Description similaire - CY8C4127AXI-M485

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com