Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S25FL116K Fiches technique(PDF) 69 Page - Cypress Semiconductor

No de pièce S25FL116K
Description  16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL116K Fiches technique(HTML) 69 Page - Cypress Semiconductor

Back Button S25FL116K Datasheet HTML 65Page - Cypress Semiconductor S25FL116K Datasheet HTML 66Page - Cypress Semiconductor S25FL116K Datasheet HTML 67Page - Cypress Semiconductor S25FL116K Datasheet HTML 68Page - Cypress Semiconductor S25FL116K Datasheet HTML 69Page - Cypress Semiconductor S25FL116K Datasheet HTML 70Page - Cypress Semiconductor S25FL116K Datasheet HTML 71Page - Cypress Semiconductor S25FL116K Datasheet HTML 72Page - Cypress Semiconductor S25FL116K Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Document Number: 002-00497 Rev. *E
Page 69 of 90
S25FL116K, S25FL132K, S25FL164K
8.2.3
64-kB Block Erase (D8h)
The Block Erase command sets all memory within a specified block (64 kbytes) to the erased state of all 1s (FFh). A Write Enable
command must be executed before the device will accept the Block Erase command (Status Register bit WEL must equal 1). The
command is initiated by driving the CS# pin low and shifting the instruction code “D8h” followed a 24-bit block address (A23-A0)
See Supply and Signal Ground (VSS) on page 10. The Block Erase command sequence is shown in Figure 8.9.
The CS# pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the Block Erase command
will not be executed. After CS# is driven high, the self-timed Block Erase command will commence for a time duration of tBE (see
Section 4.8, AC Electrical Characteristics on page 25). While the Block Erase cycle is in progress, the Read Status Register
command may still be accessed for checking the status of the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and
becomes a 0 when the cycle is finished and the device is ready to accept other commands again. After the Block Erase cycle has
finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0. The Block Erase command will not be executed if the
addressed sector is protected by the Block Protect (CMP, SEC, TB, BP2, BP1, and BP0) bits (see Section 6.5, Status Registers
on page 50).
Figure 8.9 64-kB Block Erase Command Sequence
8.2.4
Chip Erase (C7h / 60h)
The Chip Erase command sets all memory within the device to the erased state of all 1’s (FFh). A Write Enable command must be
executed before the device will accept the Chip Erase command (Status Register bit WEL must equal 1). The command is initiated
by driving the CS# pin low and shifting the instruction code “C7h” or “60h”. The Chip Erase command sequence is shown in
Figure 8.10.
The CS# pin must be driven high after the eighth bit has been latched. If this is not done the Chip Erase command will not be
executed. After CS# is driven high, the self-timed Chip Erase command will commence for a time duration of tCE (Section 4.8, AC
Electrical Characteristics on page 25). While the Chip Erase cycle is in progress, the Read Status Register command may still be
accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the Chip Erase cycle and becomes a 0 when finished and
the device is ready to accept other commands again. After the Chip Erase cycle has finished the Write Enable Latch (WEL) bit in the
Status Register is cleared to 0. The Chip Erase command will not be executed if any page is protected by the Block Protect (CMP,
SEC, TB, BP2, BP1, and BP0) bits (see Section 6.5, Status Registers on page 50).
Figure 8.10 Chip Erase Command Sequence
CS#
SCK
SI
SO
Phase
76
543
210
23
1
0
Instruction
Address
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction


Numéro de pièce similaire - S25FL116K

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S25FL116K SPANSION-S25FL116K Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI010 SPANSION-S25FL116K0XBFI010 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI011 SPANSION-S25FL116K0XBFI011 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI013 SPANSION-S25FL116K0XBFI013 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI020 SPANSION-S25FL116K0XBFI020 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
More results

Description similaire - S25FL116K

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com