Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128LQI-BL493 Fiches technique(PDF) 14 Page - Cypress Semiconductor

No de pièce CY8C4128LQI-BL493
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128LQI-BL493 Fiches technique(HTML) 14 Page - Cypress Semiconductor

Back Button CY8C4128LQI-BL493 Datasheet HTML 10Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 11Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 12Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 13Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 14Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 15Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 16Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 17Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 14 of 47
High-speed I/O matrix (HSIOM) is a group of high-speed
switches that routes GPIOs to the resources inside the device.
These resources include CapSense, TCPWMs, I2C, SPI, UART,
and LCD. HSIOM_PORT_SELx are 32-bit-wide registers that
control the routing of GPIOs. Each register controls one port; four
dedicated bits are assigned to each GPIO in the port. This
provides up to 16 different options for GPIO routing as shown in
Table 3.
G6
VSSR
GROUND
Radio ground
G7
VSSR
GROUND
Radio ground
G8
GANT
GROUND
Antenna shielding ground
G9
VSSR
GROUND
Radio ground
H1
NC
NC
Do not connect
H2
P0.5
GPIO
Port 0 Pin 5, analog/digital/lcd/csd
H3
P0.1
GPIO
Port 0 Pin 1, analog/digital/lcd/csd
H4
XTAL24O
CLOCK
24-MHz crystal
H5
XTAL24I
CLOCK
24-MHz crystal or external clock input
H6
VSSR
GROUND
Radio ground
H7
VSSR
GROUND
Radio ground
H8
ANT
ANTENNA
Antenna pin
J1
NC
NC
Do not connect
J2
P0.4
GPIO
Port 0 Pin 4, analog/digital/lcd/csd
J3
P0.0
GPIO
Port 0 Pin 0, analog/digital/lcd/csd
J4
VDDR
POWER
1.9-V to 5.5-V radio supply
J7
VDDR
POWER
1.9-V to 5.5-V radio supply
J8
NO CONNECT
––
Table 2. PSoC 4XX8_BLE Pin List (WLCSP Package) (continued)
Pin
Name
Type
Description
Table 3. HSIOM Port Settings
Value
Description
0
Firmware-controlled GPIO
1
Output is firmware-controlled, but Output Enable (OE)
is controlled from DSI.
2
Both output and OE are controlled from DSI.
3
Output is controlled from DSI, but OE is
firmware-controlled.
4
Pin is a CSD sense pin
5
Pin is a CSD shield pin
6
Pin is connected to AMUXA
7
Pin is connected to AMUXB
8
Pin-specific Active function #0
9
Pin-specific Active function #1
10
Pin-specific Active function #2
11
Reserved
12
Pin is an LCD common pin
13
Pin is an LCD segment pin
14
Pin-specific Deep-Sleep function #0
15
Pin-specific Deep-Sleep function #1
Table 3. HSIOM Port Settings (continued)
Value
Description


Numéro de pièce similaire - CY8C4128LQI-BL493

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128LQI-BL493 CYPRESS-CY8C4128LQI-BL493 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128LQI-BL493 CYPRESS-CY8C4128LQI-BL493 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128LQI-BL493

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com