Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128LQI-BL493 Fiches technique(PDF) 38 Page - Cypress Semiconductor

No de pièce CY8C4128LQI-BL493
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128LQI-BL493 Fiches technique(HTML) 38 Page - Cypress Semiconductor

Back Button CY8C4128LQI-BL493 Datasheet HTML 34Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 35Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 36Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 37Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 38Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 39Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 40Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 41Page - Cypress Semiconductor CY8C4128LQI-BL493 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 38 of 47
PSoC 4 devices follow the part numbering convention described in the following table. All fields are single-character alphanumeric (0,
1, 2, …, 9, A,B, …, Z) unless stated otherwise.
Ordering Code Definitions
The Field Values are listed in the following table:
Architecture
Cypress Prefix
Family within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Attributes Code
4: PSoC 4
4: 48 MHz
8 : 256 KB
LQ : QFN
I : Industrial
Example
CY8C 4 A
E
D
C
BF
Y
X
-Z
2 : 4200 Family
CY8 C
XYZ : Attributes
Field
Description
Values
Meaning
CY8C
Cypress Prefix
4
Architecture
4
PSoC 4
A
Family within architecture
1
4100-BLE Family
2
4200-BLE Family
B
CPU Speed
2
24 MHz
4
48 MHz
C
Flash Capacity
8, 7
256, 128 KB
DE
Package Code
FN
WLCSP
LQ
QFN
FL
Thin WLCSP
F
Temperature Range
I
Industrial
XYZ
Attributes Code
000-999
Code of feature set in specific family


Numéro de pièce similaire - CY8C4128LQI-BL493

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128LQI-BL493 CYPRESS-CY8C4128LQI-BL493 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128LQI-BL493 CYPRESS-CY8C4128LQI-BL493 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128LQI-BL493

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com