Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4247AZI-L423 Fiches technique(PDF) 22 Page - Cypress Semiconductor

No de pièce CY8C4247AZI-L423
Description  Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4247AZI-L423 Fiches technique(HTML) 22 Page - Cypress Semiconductor

Back Button CY8C4247AZI-L423 Datasheet HTML 18Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 19Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 20Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 21Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 22Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 23Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 24Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 25Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 22 of 46
SID294
VN2
Input referred, 1 kHz, power = high
72
nV/rtHz
SID295
VN3
Input referred, 10kHz, power = high
28
nV/rtHz
SID296
VN4
Input referred, 100kHz, power = high
15
nV/rtHz
SID297
Cload
Stable up to maximum load. Perfor-
mance specs at 50 pF.
––
125
pF
SID298
Slew_rate
Cload = 50 pF, Power = High, VDDA
2.7 V
6–
V/µs
SID299
T_op_wake
From disable to enable, no external
RC dominating
–25
µs
SID299A
OL_GAIN
Open Loop Gain
90
dB
Comp_mode
Comparator mode; 50 mV drive,
Trise = Tfall (approx.)
––
SID300
TPD1
Response time; power = high
150
ns
SID301
TPD2
Response time; power = medium
400
ns
SID302
TPD3
Response time; power = low
2000
ns
SID303
Vhyst_op
Hysteresis
10
mV
Deep Sleep Mode
Mode 2 is lowest current range. Mode
1 has higher GBW.
Deep Sleep mode VDDA
2.7 V.
SID_DS_1
IDD_HI_M1
Mode 1, High current
1400
µA
25 °C
SID_DS_2
IDD_MED_M1
Mode 1, Medium current
700
µA
25 °C
SID_DS_3
IDD_LOW_M1
Mode 1, Low current
200
µA
25 °C
SID_DS_4
IDD_HI_M2
Mode 2, High current
120
µA
25 °C
SID_DS_5
IDD_MED_M2
Mode 2, Medium current
60
µA
25 °C
SID_DS_6
IDD_LOW_M2
Mode 2, Low current
15
µA
25 °C
SID_DS_7
GBW_HI_M1
Mode 1, High current
4
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_8
GBW_MED_M1 Mode 1, Medium current
2
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_9
GBW_LOW_M1 Mode 1, Low current
0.5
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_10 GBW_HI_M2
Mode 2, High current
0.5
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_11 GBW_MED_M2 Mode 2, Medium current
0.2
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_12 GBW_LOW_M2 Mode 2, Low current
0.1
MHz
20-pF load, no DC load
0.2 V to VDDA-1.5 V
SID_DS_13 VOS_HI_M1
Mode 1, High current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_14 VOS_MED_M1 Mode 1, Medium current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_15 VOS_LOW_M2 Mode 1, Low current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
SID_DS_16 VOS_HI_M2
Mode 2, High current
5
mV
With trim 25 °C, 0.2 V to
VDDA-1.5 V
Table 8. Opamp Specifications
(Guaranteed by Characterization) (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions


Numéro de pièce similaire - CY8C4247AZI-L423

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4247AZI-M475 CYPRESS-CY8C4247AZI-M475 Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C4247AZI-M485 CYPRESS-CY8C4247AZI-M485 Datasheet
3Mb / 42P
   Programmable System-on-Chip
More results

Description similaire - CY8C4247AZI-L423

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com