Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4247AZI-L423 Fiches technique(PDF) 38 Page - Cypress Semiconductor

No de pièce CY8C4247AZI-L423
Description  Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4247AZI-L423 Fiches technique(HTML) 38 Page - Cypress Semiconductor

Back Button CY8C4247AZI-L423 Datasheet HTML 34Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 35Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 36Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 37Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 38Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 39Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 40Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 41Page - Cypress Semiconductor CY8C4247AZI-L423 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 38 of 46
The nomenclature used in Table 48 is based on the following part numbering convention:
Part Numbering Conventions
The part number fields are defined as follows.
Field
Description
Values
Meaning
CY8C
Cypress Prefix
4
Architecture
4
PSoC 4
A
Family
2
4200 Family
B
CPU Speed
4
48 MHz
C
Flash Capacity
6
64 KB
7
128 KB
8
256 KB
DE
Package Code
AX, AZ
TQFP
LT
QFN
BU
BGA
FD
CSP
F
Temperature Range
I
Industrial
S
Silicon Family
N/A
PSoC 4A
L
PSoC 4A-L
BL
PSoC 4A-BLE
XYZ
Attributes Code
000-999
Code of feature set in the specific family
Architecture
Cypress Prefix
Family Group within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Attributes Code
CY8C
4 A
E
D
C
BF
X
S
-Y Z
Silicon Family


Numéro de pièce similaire - CY8C4247AZI-L423

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4247AZI-M475 CYPRESS-CY8C4247AZI-M475 Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C4247AZI-M485 CYPRESS-CY8C4247AZI-M485 Datasheet
3Mb / 42P
   Programmable System-on-Chip
More results

Description similaire - CY8C4247AZI-L423

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com