Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 27 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 27 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 23Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 24Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 25Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 26Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 27Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 28Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 29Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 30Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 27 of 47
Digital Peripherals
Timer
Counter
Pulse Width Modulation (PWM)
Table 21. Timer DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID189
ITIM1
Block current consumption at 3 MHz
43
µA
16-bit timer
SID190
ITIM2
Block current consumption at 12 MHz
152
µA
16-bit timer
SID191
ITIM3
Block current consumption at 48 MHz
620
µA
16-bit timer
Table 22. Timer AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID192
TTIMFREQ
Operating frequency
FCLK
–48
MHz
SID193
TCAPWINT
Capture pulse width (internal)
2 × TCLK
––
ns
SID194
TCAPWEXT
Capture pulse width (external)
2 × TCLK
––
ns
SID195
TTIMRES
Timer resolution
TCLK
––
ns
SID196
TTENWIDINT
Enable pulse width (internal)
2 × TCLK
––
ns
SID197
TTENWIDEXT
Enable pulse width (external)
2 × TCLK
––
ns
SID198
TTIMRESWINT
Reset pulse width (internal)
2 × TCLK
––
ns
SID199
TTIMRESEXT
Reset pulse width (external)
2 × TCLK
––
ns
Table 23. Counter DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID200
ICTR1
Block current consumption at 3 MHz
43
µA
16-bit counter
SID201
ICTR2
Block current consumption at 12 MHz
152
µA
16-bit counter
SID202
ICTR3
Block current consumption at 48 MHz
620
µA
16-bit counter
Table 24. Counter AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID203
TCTRFREQ
Operating frequency
FCLK
–48
MHz
SID204
TCTRPWINT
Capture pulse width (internal)
2 × TCLK
––
ns
SID205
TCTRPWEXT
Capture pulse width (external)
2 × TCLK
––
ns
SID206
TCTRES
Counter Resolution
TCLK
––
ns
SID207
TCENWIDINT
Enable pulse width (internal)
2 × TCLK
––
ns
SID208
TCENWIDEXT Enable pulse width (external)
2 × TCLK
––
ns
SID209
TCTRRESWINT Reset pulse width (internal)
2 × TCLK
––
ns
SID210
TCTRRESWEXT Reset pulse width (external)
2 × TCLK
––
ns
Table 25. PWM DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID211
IPWM1
Block current consumption at 3 MHz
43
µA
16-bit PWM
SID212
IPWM2
Block current consumption at 12 MHz
152
µA
16-bit PWM
SID213
IPWM3
Block current consumption at 48 MHz
620
µA
16-bit PWM


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com