Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 26 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 26 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 22Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 23Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 24Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 25Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 26Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 27Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 28Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 29Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 26 of 47
CSD
Table 19. SAR ADC AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID167
A_psrr
Power supply rejection ratio
70
dB
Measured at 1-V
reference
SID168
A_cmrr
Common mode rejection ratio
66
dB
SID169
A_samp
Sample rate
1
Msps 806 ksps for
PSoC 41X8_BLE devices
SID313
Fsarintref
SAR operating speed without external
ref. bypass
100
ksps 12-bit resolution
SID170
A_snr
Signal-to-noise ratio (SNR)
65
dB
Fin = 10 kHz
SID171
A_bw
Input bandwidth without aliasing
A_samp/2
kHz
SID172
A_inl
Integral non linearity. VDD = 1.71 to
5.5 V, 1 Msps
–1.7
2
LSB
Vref = 1 V to VDD
SID173
A_INL
Integral non linearity. VDDD = 1.71 to
3.6 V, 1 Msps
–1.5
1.7
LSB
Vref = 1.71 V to VDD
SID174
A_INL
Integral non linearity. VDD = 1.71 to
5.5 V, 500 ksps
–1.5
1.7
LSB
Vref = 1 V to VDD
SID175
A_dnl
Differential non linearity. VDD = 1.71 to
5.5 V, 1 Msps
–1
2.2
LSB
Vref = 1 V to VDD
SID176
A_DNL
Differential non linearity. VDD = 1.71 to
3.6 V, 1 Msps
–1
2
LSB
Vref = 1.71 V to VDD
SID177
A_DNL
Differential non linearity. VDD = 1.71 to
5.5 V, 500 ksps
–1
2.2
LSB
Vref = 1 V to VDD
SID178
A_thd
Total harmonic distortion
–65
dB
Fin = 10 kHz
Table 20. CSD Block Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID179
VCSD
Voltage range of operation
1.71
5.5
V
SID180
IDAC1
DNL for 8-bit resolution
–1
1
LSB
SID181
IDAC1
INL for 8-bit resolution
–3
3
LSB
SID182
IDAC2
DNL for 7-bit resolution
–1
1
LSB
SID183
IDAC2
INL for 7-bit resolution
–3
3
LSB
SID184
SNR
Ratio of counts of finger to noise
5
Ratio
Capacitance range of 9 to
35 pF, 0.1 pF sensitivity.
Radio is not operating
during the scan
SID185
IDAC1_CRT1
Output current of IDAC1 (8 bits) in
High range
612
µA
SID186
IDAC1_CRT2
Output current of IDAC1 (8 bits) in
Low range
306
µA
SID187
IDAC2_CRT1
Output current of IDAC2 (7 bits) in
High range
305
µA
SID188
IDAC2_CRT2
Output current of IDAC2 (7 bits) in
Low range
153
µA


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com