Moteur de recherche de fiches techniques de composants électroniques |
|
CY8C4128FNI-BL473 Fiches technique(PDF) 25 Page - Cypress Semiconductor |
|
CY8C4128FNI-BL473 Fiches technique(HTML) 25 Page - Cypress Semiconductor |
25 / 47 page PRELIMINARY PSoC® 4: PSoC 4XX8_BLE Family Datasheet Document Number: 001-94624 Rev. *K Page 25 of 47 Temperature Sensor SAR ADC Note 4. ULP LCOMP operating conditions: - VDDD 2.6 V-5.5 V for datasheet temp range < 0 °C - VDDD 1.8 V-5.5 V for datasheet temp range ≥ 0 °C Table 16. Comparator AC Specifications[4] Spec ID# Parameter Description Min Typ Max Units Details/ Conditions SID152 TRESP1 Response time, normal mode, 50-mV overdrive – 38 – ns 50-mV overdrive SID153 TRESP2 Response time, low power mode, 50-mV overdrive – 70 – ns 50-mV overdrive SID154 TRESP3 Response time, ultra-low-power mode, 50-mV overdrive – 2.3 – µs 200-mV overdrive VDDD ≥ 2.6 V for Temp < 0 °C VDDD ≥ 1.8 V for Temp ≥ 0°C Table 17. Temperature Sensor Specifications Spec ID# Parameter Description Min Typ Max Units Details/Conditions SID155 TSENSACC Temperature sensor accuracy –5 ±1 5 °C –40 to +85 °C Table 18. SAR ADC DC Specifications Spec ID# Parameter Description Min Typ Max Units Details/Conditions SID156 A_RES Resolution – – 12 bits – SID157 A_CHNIS_S Number of channels - single-ended – – 8 – 8 full-speed SID158 A-CHNKS_D Number of channels - differential – – 4 – Diff inputs use neighboring I/O SID159 A-MONO Monotonicity – – – – Yes SID160 A_GAINERR Gain error – – ±0.1 % With external reference. SID161 A_OFFSET Input offset voltage – – 2 mV Measured with 1-V VREF SID162 A_ISAR Current consumption – – 1 mA – SID163 A_VINS Input voltage range - single-ended VSS –VDDA V– SID164 A_VIND Input voltage range - differential VSS – VDDA V– SID165 A_INRES Input resistance – – 2.2 kΩ – SID166 A_INCAP Input capacitance – – 10 pF – SID312 VREFSAR Trimmed internal reference to SAR –1 – 1 % Percentage of Vbg (1.024-V) |
Numéro de pièce similaire - CY8C4128FNI-BL473 |
|
Description similaire - CY8C4128FNI-BL473 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |