Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 23 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 23 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 19Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 20Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 21Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 22Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 23Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 24Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 25Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 26Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 23 of 47
Analog Peripherals
Opamp
Table 14. Opamp Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
IDD (Opamp Block Current. VDD = 1.8 V. No Load)
SID94
IDD_HI
Power = high
1000
1850
µA
SID95
IDD_MED
Power = medium
500
950
µA
SID96
IDD_LOW
Power = low
250
350
µA
GBW (Load = 20 pF, 0.1 mA. VDDA = 2.7 V)
SID97
GBW_HI
Power = high
6
MHz
SID98
GBW_MED
Power = medium
4
MHz
SID99
GBW_LO
Power = low
1
MHz
IOUT_MAX (VDDA  2.7 V, 500 mV From Rail)
SID100
IOUT_MAX_HI
Power = high
10
mA
SID101
IOUT_MAX_MID
Power = medium
10
mA
SID102
IOUT_MAX_LO
Power = low
5
mA
IOUT (VDDA = 1.71 V, 500 mV From Rail)
SID103
IOUT_MAX_HI
Power = high
4
mA
SID104
IOUT_MAX_MID
Power = medium
4
mA
SID105
IOUT_MAX_LO
Power = low
2
mA
SID106
VIN
Charge pump on, VDDA  2.7 V
–0.05
VDDA – 0.2
V
SID107
VCM
Charge pump on, VDDA  2.7 V
–0.05
VDDA – 0.2
V
VOUT (VDDA  2.7 V)
SID108
VOUT_1
Power = high, ILOAD=10 mA
0.5
VDDA – 0.5
V
SID109
VOUT_2
Power = high, ILOAD=1 mA
0.2
VDDA – 0.2
V
SID110
VOUT_3
Power = medium, ILOAD=1 mA
0.2
VDDA – 0.2
V
SID111
VOUT_4
Power = low, ILOAD=0.1 mA
0.2
VDDA – 0.2
V
SID112
VOS_TR
Offset voltage, trimmed
1
±0.5
1
mV
High mode
SID113
VOS_TR
Offset voltage, trimmed
±1
mV
Medium mode
SID114
VOS_TR
Offset voltage, trimmed
±2
mV
Low mode
SID115
VOS_DR_TR
Offset voltage drift, trimmed
–10
±3
10
µV/°C High mode
SID116
VOS_DR_TR
Offset voltage drift, trimmed
±10
µV/°C Medium mode
SID117
VOS_DR_TR
Offset voltage drift, trimmed
±10
µV/°C Low mode
SID118
CMRR
DC
70
80
dB
VDDD = 3.6 V
SID119
PSRR
At 1 kHz, 100-mV ripple
70
85
dB
VDDD = 3.6 V
Noise
SID120
VN1
Input referred, 1 Hz–1 GHz, power =
high
94
µVrms –
SID121
VN2
Input referred, 1-kHz, power = high
72
nV/rtHz –
SID122
VN3
Input referred, 10-kHz, power = high
28
nV/rtHz –
SID123
VN4
Input referred, 100-kHz, power = high
15
nV/rtHz –
SID124
CLOAD
Stable up to maximum load. Perfor-
mance specs at 50 pF
125
pF


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com