Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 19 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 19 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 15Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 16Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 17Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 18Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 19Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 20Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 21Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 22Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 19 of 47
SID19
IDD9
Execute from flash; CPU at 24 MHz
7.1
mA
T = 25 °C,
VDD = 3.3 V
SID20
IDD10
Execute from flash; CPU at 24 MHz
mA
T = –40 °C to 85 °C
SID21
IDD11
Execute from flash; CPU at 48 MHz
13.4
mA
T = 25 °C,
VDD = 3.3 V
SID22
IDD12
Execute from flash; CPU at 48 MHz
mA
T = –40 °C to 85 °C
Sleep Mode, VDD = 1.8 to 5.5 V
SID23
IDD13
IMO on
mA
T = 25 °C,
VDD = 3.3 V, SYSCLK =
3MHz
Sleep Mode, VDD and VDDR = 1.9 to 5.5 V
SID24
IDD14
ECO on
–––
mA
T = 25 °C,
VDD = 3.3 V, SYSCLK = 3
MHz
Deep Sleep Mode, VDD = 1.8 to 3.6 V
SID25
IDD15
WDT with WCO on
1.6
µA
T = 25 °C,
VDD = 3.3 V
SID26
IDD16
WDT with WCO on
µA
T = –40 °C to 85 °C
Deep Sleep Mode, VDD = 3.6 to 5.5 V
SID27
IDD17
WDT with WCO on
µA
T = 25 °C,
VDD = 5 V
SID28
IDD18
WDT with WCO on
µA
T = –40 °C to 85 °C
Deep Sleep Mode, VDD = 1.71 to 1.89 V (Regulator Bypassed)
SID29
IDD19
WDT with WCO on
µA
T = 25 °C
SID30
IDD20
WDT with WCO on
µA
T = –40 °C to 85 °C
Deep Sleep Mode, VDD = 1.8 to 3.6 V
SID31
IDD21
Opamp on
µA
T = 25 °C,
VDD = 3.3 V
SID32
IDD22
Opamp on
µA
T = –40 °C to 85 °C
Deep Sleep Mode, VDD = 3.6 to 5.5 V
SID33
IDD23
Opamp on
µA
T = 25 °C,
VDD = 5 V
SID34
IDD24
Opamp on
µA
T = –40 °C to 85 °C
Deep Sleep Mode, VDD = 1.71 to 1.89 V (Regulator Bypassed)
SID35
IDD25
Opamp on
µA
T = 25 °C
SID36
IDD26
Opamp on
µA
T = –40 °C to 85 °C
Hibernate Mode, VDD = 1.8 to 3.6 V
SID37
IDD27
GPIO and reset active
150
nA
T = 25 °C,
VDD = 3.3V
SID38
IDD28
GPIO and reset active
nA
T = –40 °C to 85 °C
Hibernate Mode, VDD = 3.6 to 5.5 V
SID39
IDD29
GPIO and reset active
nA
T = 25 °C,
VDD = 5 V
SID40
IDD30
GPIO and reset active
nA
T = –40 °C to 85 °C
Hibernate Mode, VDD = 1.71 to 1.89 V (Regulator Bypassed)
Table 6. DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com