Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CY8C4128FNI-BL473 Datasheet(Fiches technique) 14 Page - Cypress Semiconductor

Numéro de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Télécharger  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datenblatt HTML 10Page - Cypress Semiconductor CY8C4128FNI-BL473 Datenblatt HTML 11Page - Cypress Semiconductor CY8C4128FNI-BL473 Datenblatt HTML 12Page - Cypress Semiconductor CY8C4128FNI-BL473 Datenblatt HTML 13Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 14Page - Cypress Semiconductor CY8C4128FNI-BL473 Datenblatt HTML 15Page - Cypress Semiconductor CY8C4128FNI-BL473 Datenblatt HTML 16Page - Cypress Semiconductor CY8C4128FNI-BL473 Datenblatt HTML 17Page - Cypress Semiconductor CY8C4128FNI-BL473 Datenblatt HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 14 of 47
High-speed I/O matrix (HSIOM) is a group of high-speed
switches that routes GPIOs to the resources inside the device.
These resources include CapSense, TCPWMs, I2C, SPI, UART,
and LCD. HSIOM_PORT_SELx are 32-bit-wide registers that
control the routing of GPIOs. Each register controls one port; four
dedicated bits are assigned to each GPIO in the port. This
provides up to 16 different options for GPIO routing as shown in
Table 3.
G6
VSSR
GROUND
Radio ground
G7
VSSR
GROUND
Radio ground
G8
GANT
GROUND
Antenna shielding ground
G9
VSSR
GROUND
Radio ground
H1
NC
NC
Do not connect
H2
P0.5
GPIO
Port 0 Pin 5, analog/digital/lcd/csd
H3
P0.1
GPIO
Port 0 Pin 1, analog/digital/lcd/csd
H4
XTAL24O
CLOCK
24-MHz crystal
H5
XTAL24I
CLOCK
24-MHz crystal or external clock input
H6
VSSR
GROUND
Radio ground
H7
VSSR
GROUND
Radio ground
H8
ANT
ANTENNA
Antenna pin
J1
NC
NC
Do not connect
J2
P0.4
GPIO
Port 0 Pin 4, analog/digital/lcd/csd
J3
P0.0
GPIO
Port 0 Pin 0, analog/digital/lcd/csd
J4
VDDR
POWER
1.9-V to 5.5-V radio supply
J7
VDDR
POWER
1.9-V to 5.5-V radio supply
J8
NO CONNECT
––
Table 2. PSoC 4XX8_BLE Pin List (WLCSP Package) (continued)
Pin
Name
Type
Description
Table 3. HSIOM Port Settings
Value
Description
0
Firmware-controlled GPIO
1
Output is firmware-controlled, but Output Enable (OE)
is controlled from DSI.
2
Both output and OE are controlled from DSI.
3
Output is controlled from DSI, but OE is
firmware-controlled.
4
Pin is a CSD sense pin
5
Pin is a CSD shield pin
6
Pin is connected to AMUXA
7
Pin is connected to AMUXB
8
Pin-specific Active function #0
9
Pin-specific Active function #1
10
Pin-specific Active function #2
11
Reserved
12
Pin is an LCD common pin
13
Pin is an LCD segment pin
14
Pin-specific Deep-Sleep function #0
15
Pin-specific Deep-Sleep function #1
Table 3. HSIOM Port Settings (continued)
Value
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn