Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 12 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 12 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 8Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 9Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 10Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 11Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 12Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 13Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 14Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 15Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 12 of 47
40
P2.3
GPIO
Port 2 Pin 3, lcd, csd
41
P2.4
GPIO
Port 2 Pin 4, lcd, csd
42
P2.5
GPIO
Port 2 Pin 5, lcd, csd
43
P2.6
GPIO
Port 2 Pin 6, lcd, csd
44
P2.7
GPIO
Port 2 Pin 7, lcd, csd
45
VREF
REF
1.024-V reference
46
VDDA
POWER
1.71-V to 5.5-V analog supply
47
P3.0
GPIO
Port 3 Pin 0, lcd, csd
48
P3.1
GPIO
Port 3 Pin 1, lcd, csd
49
P3.2
GPIO
Port 3 Pin 2, lcd, csd
50
P3.3
GPIO
Port 3 Pin 3, lcd, csd
51
P3.4
GPIO
Port 3 Pin 4, lcd, csd
52
P3.5
GPIO
Port 3 Pin 5, lcd, csd
53
P3.6
GPIO
Port 3 Pin 6, lcd, csd
54
P3.7
GPIO
Port 3 Pin 7, lcd, csd
55
VSSA
GROUND
Analog ground
56
VCCD
POWER
Regulated 1.8-V supply, connect to 1.3-µF capacitor.
57
EPAD
GROUND
Ground paddle for the QFN package
Table 2. PSoC 4XX8_BLE Pin List (WLCSP Package)
Pin
Name
Type
Description
A1
NC
NC
Do not connect
A2
VREF
REF
1.024-V reference
A3
VSSA
GROUND
Analog ground
A4
P3.3
GPIO
Port 3 Pin 3, analog/digital/lcd/csd
A5
P3.7
GPIO
Port 3 Pin 7, analog/digital/lcd/csd
A6
VSSD
GROUND
Digital ground
A7
VSSA
GROUND
Analog ground
A8
VCCD
POWER
Regulated 1.8-V supply, connect to 1-μF capacitor
A9
VDDD
POWER
1.71-V to 5.5-V digital supply
B1
NB
NO BALL
No Ball
B2
P2.3
GPIO
Port 2 Pin 3, analog/digital/lcd/csd
B3
VSSA
GROUND
Analog ground
B4
P2.7
GPIO
Port 2 Pin 7, analog/digital/lcd/csd
B5
P3.4
GPIO
Port 3 Pin 4, analog/digital/lcd/csd
B6
P3.5
GPIO
Port 3 Pin 5, analog/digital/lcd/csd
B7
P3.6
GPIO
Port 3 Pin 6, analog/digital/lcd/csd
B8
XTAL32I/P6.1
CLOCK
32.768-kHz crystal or external clock input
B9
XTAL32O/P6.0
CLOCK
32.768-kHz crystal
C1
NC
NC
Do not connect
Table 1. PSoC 4XX8_BLE Pin List (QFN Package) (continued)
Pin
Name
Type
Description


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com