Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 46 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 46 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 39Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 40Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 41Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 42Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 43Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 44Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 45Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 46Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 47Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 46 of 47
Revision History
Description Title: PSoC® 4: PSoC 4XX8_BLE Family Datasheet Programmable System-on-Chip (PSoC®)
Document Number: 001-94624
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
*D
4792956
SKAR
06/10/2015 Initial release
*E
4922509
SKAR
09/17/2015
Updated Bluetooth version to 4.2.
Updated Link Layer features.
Updated max values for TCPWM DC specifications.
Updated ordering code definitions.
Updated package temperature range to –40 °C to 105 °C.
Removed Errata.
*F
4992761
KISB
11/03/2015
Updated the following specs:
ICMP1: From 280 uA to 400 uA
ICMP2: From 50 uA to100 uA
II2C1: From10.5 uA to 50 uA
II2C2: From 135 uA to 155 uA
II2C3: From 310 uA to 390uA
ILCDLOW: From 5 uA to 17.5uA
IUART1: From 9 uA to 55uA
LVI_Idd: From 10 uA to 100 uA
RXS, IDLE (SID340): From -90 dBm to -89 dBm
RXS, IDLE (SID340A): From -92 dBm to -91 dBm
RXS, HIGHGAIN: From -92 dBm to -91 dBm
Iavg_4sec, 0 dBm: From 5.7 uA to 6.25 uA
IECO: From 600 uA to 1400 uA
VOFFSET2: From ±4 mV to ±6 mV
IDD15: From1.5 uA to 1.6 uA
VHYST (SID142): Added "Common Mode voltage range” to description
IWCO2: Changed spec limit to 2.6 µA.
*G
5094462
RLOS
01/20/2016 Added More Information and PSoC Creator sections.
*H
5129256
WKA
02/09/2016 Added thin WLCSP description and part number.
*I
5133828
WKA
02/16/2016 Reordered the part numbers and removed internal references in Ordering Infor-
mation.
*J
5177483
MARW
03/16/2016 Updated Conditions for SID141A, SID145, SID150, and SID154.
*K
5266203
WKA
05/10/2016
Updated Block Diagram.
Updated GAP features and SM features in BLE Radio and Subsystem.
Updated SAR ADC System Diagram.
Updated C3 and C4 values in System Application Connection Diagram.
Updated values for SID56, SID380A, and SID380B.


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com