Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 44 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 44 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 39Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 40Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 41Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 42Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 43Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 44Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 45Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 46Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 47Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 44 of 47
PC
program counter
PCB
printed circuit board
PGA
programmable gain amplifier
PHUB
peripheral hub
PHY
physical layer
PICU
port interrupt control unit
PLA
programmable logic array
PLD
programmable logic device, see also PAL
PLL
phase-locked loop
PMDD
package material declaration data sheet
POR
power-on reset
PRES
precise power-on reset
PRS
pseudo random sequence
PS
port read data register
PSoC®
Programmable System-on-Chip™
PSRR
power supply rejection ratio
PWM
pulse-width modulator
RAM
random-access memory
RISC
reduced-instruction-set computing
RMS
root-mean-square
RTC
real-time clock
RTL
register transfer language
RTR
remote transmission request
RX
receive
SAR
successive approximation register
SC/CT
switched capacitor/continuous time
SCL
I2C serial clock
SDA
I2C serial data
S/H
sample and hold
SINAD
signal to noise and distortion ratio
SIO
special input/output, GPIO with advanced
features. See GPIO.
SOC
start of conversion
SOF
start of frame
SPI
Serial Peripheral Interface, a communications
protocol
SR
slew rate
SRAM
static random access memory
SRES
software reset
SWD
serial wire debug, a test protocol
Table 60. Acronyms Used in this Document (continued)
Acronym
Description
SWV
single-wire viewer
TD
transaction descriptor, see also DMA
THD
total harmonic distortion
TIA
transimpedance amplifier
TRM
technical reference manual
TTL
transistor-transistor logic
TX
transmit
UART
Universal Asynchronous Transmitter Receiver, a
communications protocol
UDB
universal digital block
USB
Universal Serial Bus
USBIO
USB input/output, PSoC pins used to connect to
a USB port
VDAC
voltage DAC, see also DAC, IDAC
WDT
watchdog timer
WOL
write once latch, see also NVL
WRES
watchdog timer reset
XRES
external reset I/O pin
XTAL
crystal
Table 60. Acronyms Used in this Document (continued)
Acronym
Description


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com