Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 43 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 43 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 39Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 40Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 41Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 42Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 43Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 44Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 45Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 46Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 47Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 43 of 47
Acronyms
Table 60. Acronyms Used in this Document
Acronym
Description
abus
analog local bus
ADC
analog-to-digital converter
AG
analog global
AHB
AMBA (advanced microcontroller bus archi-
tecture) high-performance bus, an ARM data
transfer bus
ALU
arithmetic logic unit
AMUXBUS
analog multiplexer bus
API
application programming interface
APSR
application program status register
ARM®
advanced RISC machine, a CPU architecture
ATM
automatic thump mode
BW
bandwidth
CAN
Controller Area Network, a communications
protocol
CMRR
common-mode rejection ratio
CPU
central processing unit
CRC
cyclic redundancy check, an error-checking
protocol
DAC
digital-to-analog converter, see also IDAC, VDAC
DFB
digital filter block
DIO
digital input/output, GPIO with only digital
capabilities, no analog. See GPIO.
DMIPS
Dhrystone million instructions per second
DMA
direct memory access, see also TD
DNL
differential nonlinearity, see also INL
DNU
do not use
DR
port write data registers
DSI
digital system interconnect
DWT
data watchpoint and trace
ECC
error correcting code
ECO
external crystal oscillator
EEPROM
electrically erasable programmable read-only
memory
EMI
electromagnetic interference
EMIF
external memory interface
EOC
end of conversion
EOF
end of frame
EPSR
execution program status register
ESD
electrostatic discharge
ETM
embedded trace macrocell
FIR
finite impulse response, see also IIR
FPB
flash patch and breakpoint
FS
full-speed
GPIO
general-purpose input/output, applies to a PSoC
pin
HVI
high-voltage interrupt, see also LVI, LVD
IC
integrated circuit
IDAC
current DAC, see also DAC, VDAC
IDE
integrated development environment
I2C, or IIC
Inter-Integrated Circuit, a communications
protocol
IIR
infinite impulse response, see also FIR
ILO
internal low-speed oscillator, see also IMO
IMO
internal main oscillator, see also ILO
INL
integral nonlinearity, see also DNL
I/O
input/output, see also GPIO, DIO, SIO, USBIO
IPOR
initial power-on reset
IPSR
interrupt program status register
IRQ
interrupt request
ITM
instrumentation trace macrocell
LCD
liquid crystal display
LIN
Local Interconnect Network, a communications
protocol.
LR
link register
LUT
lookup table
LVD
low-voltage detect, see also LVI
LVI
low-voltage interrupt, see also HVI
LVTTL
low-voltage transistor-transistor logic
MAC
multiply-accumulate
MCU
microcontroller unit
MISO
master-in slave-out
NC
no connect
NMI
nonmaskable interrupt
NRZ
non-return-to-zero
NVIC
nested vectored interrupt controller
NVL
nonvolatile latch, see also WOL
opamp
operational amplifier
PAL
programmable array logic, see also PLD
Table 60. Acronyms Used in this Document (continued)
Acronym
Description


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com