Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 39 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 39 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 35Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 36Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 37Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 38Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 39Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 40Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 41Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 42Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 39 of 47
Packaging
Table 56. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
–40
25.00
105
°C
TJ
Operating junction temperature
–40
100
°C
TJA
Package
JA (56-pin QFN)
16.9
°C/watt
TJC
Package
JC (56-pin QFN)
9.7
°C/watt
TJA
Package
JA (76-ball WLCSP)
16.6
°C/watt
TJC
Package
JC (76-ball WLCSP)
0.19
°C/watt
TJA
Package
JA (76-ball Thin WLCSP)
20.9
°C/watt
TJC
Package
JC (76-ball Thin WLCSP)
0.17
°C/watt
Table 57. Solder Reflow Peak Temperature
Package
Maximum Peak
Temperature
Maximum Time at Peak Temperature
56-pin QFN
260 °C
30 seconds
76-ball WLCSP and Thin WLCSP
260 °C
30 seconds
Table 58. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
56-pin QFN
MSL 3
76-ball WLCSP and Thin WLCSP
MSL 1
Table 59. Package Details
Spec ID
Package
Description
001-58740 Rev. *C
56-pin QFN
7.0 × 7.0 × 0.6 mm
001-96603 Rev. *A
76-ball WLCSP
4.04 mm × 3.87 mm × 0.55 mm
002-10658
76-ball thin WLCSP
4.04 mm X 3.87 mm X 0.4 mm


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com