Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CY8C4128FNI-BL473 Datasheet(Fiches technique) 34 Page - Cypress Semiconductor

Numéro de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Télécharger  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

CY8C4128FNI-BL473 Datasheet(HTML) 34 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 34 of 47
SID355
RXSE1
Receiver spurious emission
30 MHz to 1.0 GHz
–57
dBm
100-kHz measurement
bandwidth
ETSI EN300 328 V1.8.1
SID356
RXSE2
Receiver spurious emission
1.0 GHz to 12.75 GHz
–47
dBm
1-MHz measurement
bandwidth
ETSI EN300 328 V1.8.1
RF Transmitter Specifications
SID357
TXP, ACC
RF power accuracy
±4
dB
SID358
TXP, RANGE
RF power control range
20
dB
SID359
TXP, 0dBm
Output power, 0-dB Gain setting
(PA7)
–0
dBm
SID360
TXP, MAX
Output power, maximum power
setting (PA10)
–3
dBm
SID361
TXP, MIN
Output power, minimum power
setting (PA1)
–18
dBm
SID362
F2AVG
Average frequency deviation for
10101010 pattern
185
kHz
RF-PHY Specification
(TRM-LE/CA/05/C)
SID363
F1AVG
Average frequency deviation for
11110000 pattern
225
250
275
kHz
RF-PHY Specification
(TRM-LE/CA/05/C)
SID364
EO
Eye opening = ∆F2AVG/∆F1AVG
0.8
RF-PHY Specification
(TRM-LE/CA/05/C)
SID365
FTX, ACC
Frequency accuracy
–150
150
kHz
RF-PHY Specification
(TRM-LE/CA/06/C)
SID366
FTX, MAXDR
Maximum frequency drift
–50
50
kHz
RF-PHY Specification
(TRM-LE/CA/06/C)
SID367
FTX, INITDR
Initial frequency drift
–20
20
kHz
RF-PHY Specification
(TRM-LE/CA/06/C)
SID368
FTX, DR
Maximum drift rate
–20
20
kHz/
50 µs
RF-PHY Specification
(TRM-LE/CA/06/C)
SID369
IBSE1
In-band spurious emission at 2-MHz
offset
–20
dBm
RF-PHY Specification
(TRM-LE/CA/03/C)
SID370
IBSE2
In-band spurious emission at
≥3-MHz offset
––
-30
dBm
RF-PHY Specification
(TRM-LE/CA/03/C)
SID371
TXSE1
Transmitter spurious emissions
(average), <1.0 GHz
-55.5
dBm
FCC-15.247
SID372
TXSE2
Transmitter spurious emissions
(average), >1.0 GHz
-41.5
dBm
FCC-15.247
RF Current Specifications
SID373
IRX
Receive current in normal mode
18.7
mA
SID373A
IRX_RF
Radio receive current in normal
mode
16.4
mA
Measured at VDDR
SID374
IRX, HIGHGAIN
Receive current in high-gain mode
21.5
mA
SID375
ITX, 3dBm
TX current at 3-dBm setting (PA10)
20
mA
SID376
ITX, 0dBm
TX current at 0-dBm setting (PA7)
16.5
mA
Table 52. BLE Subsystem (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn