Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C4128FNI-BL473 Fiches technique(PDF) 33 Page - Cypress Semiconductor

No de pièce CY8C4128FNI-BL473
Description  Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4128FNI-BL473 Fiches technique(HTML) 33 Page - Cypress Semiconductor

Back Button CY8C4128FNI-BL473 Datasheet HTML 29Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 30Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 31Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 32Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 33Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 34Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 35Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 36Page - Cypress Semiconductor CY8C4128FNI-BL473 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
PRELIMINARY
PSoC® 4: PSoC 4XX8_BLE
Family Datasheet
Document Number: 001-94624 Rev. *K
Page 33 of 47
Table 52. BLE Subsystem
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
RF Receiver Specification
SID340
RXS, IDLE
RX sensitivity with idle transmitter
–89
dBm
SID340A
RX sensitivity with idle transmitter
excluding Balun loss
–91
dBm
Guaranteed by design
simulation
SID341
RXS, DIRTY
RX sensitivity with dirty transmitter
–87
–70
dBm
RF-PHY Specification
(RCV-LE/CA/01/C)
SID342
RXS, HIGHGAIN
RX sensitivity in high-gain mode
with idle transmitter
–91
dBm
SID343
PRXMAX
Maximum input power
–10
–1
dBm
RF-PHY Specification
(RCV-LE/CA/06/C)
SID344
CI1
Co-channel interference,
Wanted signal at –67 dBm and Inter-
ferer at FRX
–9
21
dB
RF-PHY Specification
(RCV-LE/CA/03/C)
SID345
CI2
Adjacent channel interference
Wanted signal at –67 dBm and Inter-
ferer at FRX ±1 MHz
–3
15
dB
RF-PHY Specification
(RCV-LE/CA/03/C)
SID346
CI3
Adjacent channel interference
Wanted signal at –67 dBm and Inter-
ferer at FRX ±2 MHz
–29
dB
RF-PHY Specification
(RCV-LE/CA/03/C)
SID347
CI4
Adjacent channel interference
Wanted signal at –67 dBm and Inter-
ferer at ≥FRX ±3 MHz
–39
dB
RF-PHY Specification
(RCV-LE/CA/03/C)
SID348
CI5
Adjacent channel interference
Wanted Signal at –67 dBm and
Interferer at Image frequency
(FIMAGE)
–20
dB
RF-PHY Specification
(RCV-LE/CA/03/C)
SID349
CI6
Adjacent channel interference
Wanted signal at –67 dBm and Inter-
ferer at Image frequency (FIMAGE ±
1MHz)
–30
dB
RF-PHY Specification
(RCV-LE/CA/03/C)
SID350
OBB1
Out-of-band blocking,
Wanted signal at –67 dBm and Inter-
ferer at F = 30–2000 MHz
–30
–27
dBm
RF-PHY Specification
(RCV-LE/CA/04/C)
SID351
OBB2
Out-of-band blocking,
Wanted signal at –67 dBm and Inter-
ferer at F = 2003–2399 MHz
–35
–27
dBm
RF-PHY Specification
(RCV-LE/CA/04/C)
SID352
OBB3
Out-of-band blocking,
Wanted signal at –67 dBm and Inter-
ferer at F = 2484–2997 MHz
–35
–27
dBm
RF-PHY Specification
(RCV-LE/CA/04/C)
SID353
OBB4
Out-of-band blocking,
Wanted signal a –67 dBm and Inter-
ferer at F = 3000–12750 MHz
–30
–27
dBm
RF-PHY Specification
(RCV-LE/CA/04/C)
SID354
IMD
Intermodulation performance
Wanted signal at –64 dBm and
1-Mbps BLE, third, fourth, and fifth
offset channel
–50
dBm
RF-PHY Specification
(RCV-LE/CA/05/C)


Numéro de pièce similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
CY8C4128FNI-BL473 CYPRESS-CY8C4128FNI-BL473 Datasheet
1Mb / 48P
   Programmable System-on-Chip (PSoC짰)
More results

Description similaire - CY8C4128FNI-BL473

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com