Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB95F818KPMC-G-UNE2 Fiches technique(PDF) 44 Page - Cypress Semiconductor

No de pièce MB95F818KPMC-G-UNE2
Description  New 8FX 8-bit Microcontrollers
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F818KPMC-G-UNE2 Fiches technique(HTML) 44 Page - Cypress Semiconductor

Back Button MB95F818KPMC-G-UNE2 Datasheet HTML 40Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 41Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 42Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 43Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 44Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 45Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 46Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 47Page - Cypress Semiconductor MB95F818KPMC-G-UNE2 Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
MB95810K Series
Document Number: 002-04694 Rev. *A
Page 44 of 121
• P32/AN02/CMP0_O pin
This pin has the following peripheral functions:
• 8/10-bit A/D converter analog input pin (AN02)
• Comparator ch. 0 digital output pin (CMP0_O)
• P35/AN05/CMP1_O pin
This pin has the following peripheral functions:
• 8/10-bit A/D converter analog input pin (AN05)
• Comparator ch. 1 digital output pin (CMP1_O)
• Block diagram of P32/AN02/CMP0_O and P35/AN05/CMP1_O
PDR3
Pin
PDR3 read
PDR3 write
Executing bit manipulation instruction
DDR3 read
DDR3 write
PUL3 read
PUL3 write
AIDRL read
AIDRL write
DDR3
PUL3
AIDRL
0
1
1
0
Stop mode, watch mode (SPL = 1)
Peripheral function output enable
Peripheral function output
A/D analog input
Hysteresis
Pull-up


Numéro de pièce similaire - MB95F818KPMC-G-UNE2

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
MB95F856K CYPRESS-MB95F856K Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F856KPF-G-SNE2 CYPRESS-MB95F856KPF-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F856KPFT-G-SNE2 CYPRESS-MB95F856KPFT-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F866KPMC-G-SNE2 CYPRESS-MB95F866KPMC-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
MB95F876KPMC-G-SNE2 CYPRESS-MB95F876KPMC-G-SNE2 Datasheet
5Mb / 172P
   The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
More results

Description similaire - MB95F818KPMC-G-UNE2

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
MB95410H CYPRESS-MB95410H Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95560H CYPRESS-MB95560H Datasheet
6Mb / 89P
   New 8FX 8-bit Microcontrollers
MB95260H CYPRESS-MB95260H Datasheet
2Mb / 92P
   New 8FX 8-bit Microcontrollers
MB95710M CYPRESS-MB95710M Datasheet
12Mb / 173P
   New 8FX 8-bit Microcontrollers
MB95690K CYPRESS-MB95690K Datasheet
4Mb / 129P
   New 8FX 8-bit Microcontrollers
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com