Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20733A3KFB2G Fiches technique(PDF) 25 Page - Cypress Semiconductor

No de pièce CYW20733A3KFB2G
Description  Single-Chip Bluetooth Transceiver Wireless Input Devices
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20733A3KFB2G Fiches technique(HTML) 25 Page - Cypress Semiconductor

Back Button CYW20733A3KFB2G Datasheet HTML 21Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 22Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 23Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 24Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 25Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 26Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 27Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 28Page - Cypress Semiconductor CYW20733A3KFB2G Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Document No. 002-14859 Rev. *R
Page 25 of 67
CYW20733
Table 13. GPIO Pin Descriptionsa
Pin Number
Pin Name Default Di-
rection
POR
State
Power
Domain
Alternate Function Description
81-pin
FBGA
121-pin
FBGA
56-pin
QFN
H8
H9
29
P0
Input
Floating
VDDO
GPIO: P0
Keyboard scan input (row): KSI0
A/D converter input 29
Peripheral UART: puart_tx
SPI_2: MOSI (master and slave)
IR_RX
60Hz_main
Note: Not available during TMC = 1.
J8
G9
31
P1
Input
Floating
VDDO
GPIO: P1
Keyboard scan input (row): KSI1
A/D converter input 28
Peripheral UART: puart_rts
SPI_2: MISO (master and slave)
•IR_TX
J9
H10
30
P2
Input
Floating
VDDO
GPIO: P2
Keyboard scan input (row): KSI2
Quadrature: QDX0
Peripheral UART: puart_rx
SPI_2: SPI_CS (slave only)
H9
H11
32
P3
Input
Floating
VDDO
GPIO: P3
Keyboard scan input (row): KSI3
Quadrature: QDX1
Peripheral UART: puart_cts
SPI_2: SPI_CLK (master and slave)
G8
G10
34
P4
Input
Floating
VDDO
GPIO: P4
Keyboard scan input (row): KSI4
Quadrature: QDY0
Peripheral UART: puart_rx
SPI_2: MOSI (master and slave)
•IR_TX
G9
F10
33
P5
Input
Floating
VDDO
GPIO: P5
Keyboard scan input (row): KSI5
Quadrature: QDY1
Peripheral UART: puart_tx
SPI_2: MISO (master and slave)
F8
F11
35
P6
Input
Floating
VDDO
GPIO: P6
Keyboard scan input (row): KSI6
Quadrature: QDZ0
Peripheral UART: puart_rts
SPI_2: SPI_CS (slave only)
60Hz_main
F9
E10
36
P7
Input
Floating
VDDO
GPIO: P7
Keyboard scan input (row): KSI7
Quadrature: QDZ1
Peripheral UART: puart_cts
SPI_2: SPI_CLK (master and slave)
E8
D11
37
P8
Input
Floating
VDDO
GPIO: P8
Keyboard scan output (column): KSO0
A/D converter input 27
External T/R switch control: ~tx_pd


Numéro de pièce similaire - CYW20733A3KFB2G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - CYW20733A3KFB2G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com