Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM20730A1KFBG Fiches technique(PDF) 23 Page - Cypress Semiconductor

No de pièce BCM20730A1KFBG
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730A1KFBG Fiches technique(HTML) 23 Page - Cypress Semiconductor

Back Button BCM20730A1KFBG Datasheet HTML 19Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 20Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 21Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 22Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 23Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 24Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 25Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 26Page - Cypress Semiconductor BCM20730A1KFBG Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
Microprocessor Unit
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 22
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Internal Reset
Figure 4: Internal Reset Timing
External Reset
The BCM20730 has an integrated power-on reset circuit that completely resets all circuits to a known power-
on state. An external active low reset signal, RESET_N, can be used to put the BCM20730 in the reset state. The
RESET_N pin has an internal pull-up resistor and, in most applications, it does not require that anything be
connected to it. RESET_N should only be released after the VDDO supply voltage level has been stabilized.
Figure 5: External Reset Timing
VDDO
VDDO POR
VDDC
VDDO POR threshold
VDDO POR delay
~ 2 ms
VDDC POR
VDDC POR threshold
VDDC POR delay
~ 2 ms
Baseband Reset
Crystal
warm-up
delay:
~ 5 ms
Crystal Enable
Start reading EEPROM and
firmware boot
RESET_N
Pulse width
>50 µs
Crystal Enable
Baseband Reset
Start reading EEPROM and
firmware boot
Crystal
warm-up
delay:
~ 5 ms


Numéro de pièce similaire - BCM20730A1KFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBGT CYPRESS-BCM20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - BCM20730A1KFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com