Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB15E03SL Fiches technique(PDF) 20 Page - Cypress Semiconductor

No de pièce MB15E03SL
Description  Single Serial Input PLL Frequency Synthesizer On-chip 1.2 GHz Prescaler
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB15E03SL Fiches technique(HTML) 20 Page - Cypress Semiconductor

Back Button MB15E03SL Datasheet HTML 16Page - Cypress Semiconductor MB15E03SL Datasheet HTML 17Page - Cypress Semiconductor MB15E03SL Datasheet HTML 18Page - Cypress Semiconductor MB15E03SL Datasheet HTML 19Page - Cypress Semiconductor MB15E03SL Datasheet HTML 20Page - Cypress Semiconductor MB15E03SL Datasheet HTML 21Page - Cypress Semiconductor MB15E03SL Datasheet HTML 22Page - Cypress Semiconductor MB15E03SL Datasheet HTML 23Page - Cypress Semiconductor MB15E03SL Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
MB15E03SL
DS04–21359–6E
19
■ REFERENCE INFORMATION
(Continued)
S.G.
OSCIN
fin
VCO
DO
LPF
Spectrum
Analyzer
fVCO = 810.425 MHz
KV = 17 MHz/V
fr = 25 kHz
fOSC = 14.4 MHz
exp current: 6.0 mA
4.2 k
Ω
47000 pF
9.1 k
Ω
4700 pF
1500 pF
VCO
Do
•LPF


Numéro de pièce similaire - MB15E03SL

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SLPFV1 FUJITSU-MB15E03SLPFV1 Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SLPFV1-G-BND-6E1 FUJITSU-MB15E03SLPFV1-G-BND-6E1 Datasheet
373Kb / 32P
   Single PLL Frequency Synthesizers with On-Chip Prescalers
MB15E03SLPV1 FUJITSU-MB15E03SLPV1 Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
More results

Description similaire - MB15E03SL

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03L FUJITSU-MB15E03L Datasheet
214Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com