Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CYW20730A1KMLGT Datasheet(Fiches technique) 26 Page - Cypress Semiconductor

Numéro de pièce CYW20730A1KMLGT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Télécharger  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

CYW20730A1KMLGT Datasheet(HTML) 26 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Clock Frequencies
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 25
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
The clock pin (SCL) and data pin (SDA) are both open-drain I/O pins. Pull-up resistors external to the BCM20730
are required on both the SCL and SDA pins for proper operation.
UART Interface
The UART is a standard 2-wire interface (RX and TX) and has adjustable baud rates from 9600 bps to 1.5 Mbps.
The baud rate can be selected via a vendor-specific UART HCI command. The interface supports the Bluetooth
3.0 UART HCI (H5) specification. The default baud rate for H5 is 115.2 kbaud.
Both high and low baud rates can be supported by running the UART clock at 24 MHz.
The BCM20730 UART operates correctly with the host UART as long as the combined baud rate error of the two
devices is within ±5%.
Clock Frequencies
The BCM20730 is set with crystal frequency of 24 MHz.
Crystal Oscillator
The crystal oscillator requires a crystal with an accuracy of ±20 ppm as defined by the Bluetooth specification.
Two external load capacitors in the range of 5 pF to 30 pF are required to work with the crystal oscillator. The
selection of the load capacitors is crystal dependent. Table 5 on page 26 shows the recommended crystal
specification.
Figure 6: Recommended Oscillator Configuration—12 pF Load Crystal
22 pF
20 pF
Crystal
XIN
XOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn