Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CYW20730A1KMLGT Datasheet(Fiches technique) 11 Page - Cypress Semiconductor

Numéro de pièce CYW20730A1KMLGT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Télécharger  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

CYW20730A1KMLGT Datasheet(HTML) 11 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
List of Tables
BCM20730 Data Sheet
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 10
®
BROADCOM CONFIDENTIAL
List of Tables
Table 1: ADC Modes .........................................................................................................................................18
Table 2: BCM20730 First SPI Set (Master Mode) .............................................................................................18
Table 3: BCM20730 Second SPI Set (Master Mode).........................................................................................18
Table 4: BCM20730 Second SPI Set (Slave Mode)............................................................................................19
Table 5: Reference Crystal Electrical Specifications .........................................................................................26
Table 6: XTAL Oscillator Characteristics ...........................................................................................................27
Table 7: Pin Descriptions ..................................................................................................................................30
Table 8: GPIO Pin Descriptions .........................................................................................................................32
Table 9: Maximum Electrical Rating .................................................................................................................42
Table 10: Power Supply ....................................................................................................................................42
Table 11: LDO Regulator Electrical Specifications ............................................................................................43
Table 12: ADC Specifications ............................................................................................................................44
Table 13: Digital Level ......................................................................................................................................44
Table 14: Current Consumption ......................................................................................................................45
Table 15: ESD Tolerance ...................................................................................................................................45
Table 16: Receiver RF Specifications ................................................................................................................46
Table 17: Transmitter RF Specifications ...........................................................................................................47
Table 18: UART Timing Specifications ..............................................................................................................48
Table 19: SPI1 Timing Values—SCLK = 12 MHz and VDDM = 3.2V ..................................................................49
Table 20: SPI1 Timing Values—SCLK = 6 MHz and VDDM = 1.62V ..................................................................50
Table 21: SPI2 Timing Values—SCLK = 12 MHz and VDDM = 3.2V ..................................................................50
Table 22: SPI2 Timing Values—SCLK = 6 MHz and VDDM = 1.62V ..................................................................51
Table 23: BSC Interface Timing Specifications..................................................................................................51
Table 24: BCM20730 5 × 5 × 1 mm QFN, 32-Pin Tape Reel Specifications.......................................................56
Table 25: BCM20730 6 × 6 × 1 mm QFN, 40-Pin Tape Reel Specifications.......................................................56
Table 26: BCM20730 7 × 7 × 0.8 mm WFBGA, 64-Pin Tape Reel Specifications ..............................................56
Table 27: Ordering Information .......................................................................................................................58


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn