Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CYW20730A1KMLGT Datasheet(Fiches technique) 57 Page - Cypress Semiconductor

Numéro de pièce CYW20730A1KMLGT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Télécharger  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

CYW20730A1KMLGT Datasheet(HTML) 57 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Mechanical Information
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 56
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Tape Reel and Packaging Specifications
The top left corner of the BCM20730 package is situated near the sprocket holes, as shown in Figure 18.
Table 24: BCM20730 5 × 5 × 1 mm QFN, 32-Pin Tape Reel Specifications
Parameter
Value
Quantity per reel
2500 pieces
Reel diameter
13 inches
Hub diameter
7 inches
Tape width
12 mm
Tape pitch
8 mm
Table 25: BCM20730 6 × 6 × 1 mm QFN, 40-Pin Tape Reel Specifications
Parameter
Value
Quantity per reel
4000 pieces
Reel diameter
13 inches
Hub diameter
4 inches
Tape width
16 mm
Tape pitch
12 mm
Table 26: BCM20730 7 × 7 × 0.8 mm WFBGA, 64-Pin Tape Reel Specifications
Parameter
Value
Quantity per reel
2500 pieces
Reel diameter
13 inches
Hub diameter
4 inches
Tape width
16 mm
Tape pitch
12 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn