Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CYW20730A1KMLGT Datasheet(Fiches technique) 44 Page - Cypress Semiconductor

Numéro de pièce CYW20730A1KMLGT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Télécharger  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

CYW20730A1KMLGT Datasheet(HTML) 44 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Electrical Characteristics
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 43
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Table 12 shows the digital level characteristics for (VSS = 0V).
Table 11: LDO Regulator Electrical Specifications
Parameter
Conditions
Min
Typ
Max
Unit
Input voltage range
1.425
3.63
V
Default output voltage
1.2
V
Output voltage
Range
0.8
1.4
V
Step size
40 or 80 –
mV
Accuracy at any step
–5
+5
%
Load current
––30
mA
Line regulation
Vin from 1.425 to 3.63V, Iload = 30 mA
–0.2
0.2
%VO/V
Load regulation
Iload from 1 µA to 30 mA, Vin = 3.3V,
Bonding R = 0.3
Ω
–0.1
0.2
%VO/mA
Quiescent current
No load @Vin = 3.3V
*Current limit enabled
–6
µA
Power-down current
Vin = 3.3V, worst@70°C
5
200
nA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn