Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20705A1KWFBG Fiches technique(PDF) 55 Page - Cypress Semiconductor

No de pièce CYW20705A1KWFBG
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705A1KWFBG Fiches technique(HTML) 55 Page - Cypress Semiconductor

Back Button CYW20705A1KWFBG Datasheet HTML 51Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 52Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 53Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 54Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 55Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 56Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 57Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 58Page - Cypress Semiconductor CYW20705A1KWFBG Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
Timing and AC Characteristics
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 54
Timing and AC Characteristics
In this section, use the numbers listed in the reference column to interpret the timing diagrams.
Startup Timing
There are two basic startup scenarios. In one scenario, the chip startup and firmware boot is held off while the
RST_N pin is asserted. In the second scenario, the chip startup and firmware boot is directly triggered by the
chip power-up. In this case, an internal power-on reset (POR) is held for a few ms, after which the chip
commences startup.
The global reset signal in the BCM20705 is a logical OR (actually a wired AND, since the signals are active low)
of the RST_N input and the internal POR signals. The last signal to be released determines the time at which
the chip is released from reset. The POR is typically asserted for 3 ms after VDDC crosses the 0.8V threshold,
but it may be as soon as 1.5 ms after this event.
After the chip is released from reset, both startup scenarios follow the same sequence, as follows:
1.
For the BCM20705A1KWFBG parts: after approximately 120 μs, the CLK_REQ (GPIO_5) signal is asserted
(not available on BCM20705B0KWFBG parts).
2.
The chip remains in sleep state for a minimum of 4.2 ms.
3.
If present, the crystal (or TCXO) and LPO clocks must be oscillating by the end of the 4.2 ms period.
If a TCXO clock is not in the system, a crystal is assumed to be present at the XIN and XOUT pins. If an LPO
clock is not used, the firmware will detect the absence of a clock at the LPO_IN lead and use the internal LPO
clock instead.
The following two figures illustrate two startup timing scenarios.
Note:
The GPIO5 (CLK_REQ) waveform does not apply to the BCM20705B0KWFBG.


Numéro de pièce similaire - CYW20705A1KWFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20705A1KWFBG CYPRESS-CYW20705A1KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Description similaire - CYW20705A1KWFBG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com