Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20705B0KWFBGT Fiches technique(PDF) 26 Page - Cypress Semiconductor

No de pièce CYW20705B0KWFBGT
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705B0KWFBGT Fiches technique(HTML) 26 Page - Cypress Semiconductor

Back Button CYW20705B0KWFBGT Datasheet HTML 22Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 23Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 24Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 25Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 26Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 27Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 28Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 29Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
NVRAM Configuration Data and Storage
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 25
NVRAM Configuration Data and Storage
Serial Interface
The BCM20705 includes an SPI master controller that can be used to access serial flash memory. The SPI
master contains an AHB slave interface, transmit and receive FIFOs, and the SPI core PHY logic. Data is
transferred to and from the module by the system CPU. DMA operation is not supported.
The BCM20705 supports serial flash vendors Atmel®, MXIC, and Numonyx™. The most commonly used parts
from two of these vendors are:
• AT25BCM512B, manufactured by Atmel
• MX25V512ZUI-20G, manufactured by MXIC
EEPROM
The BCM20705 includes a Broadcom Serial Control (BSC) master interface. The BSC interface supports low-
speed and fast mode devices and is compatible with I2C slave devices. Multiple I2C master devices and flexible
wait state insertion by the master interface or slave devices are not supported. The BCM20705 provides 400
kHz, full speed clock support.
The BSC interface is programmed by the CPU to generate the following BSC transfer types on the bus:
• Read-only
•Write-only
• Combined read/write
• Combined write-read
NVRAM may contain configuration information about the customer application, including the following:
• Fractional-N information
•BD_ADDR
• UART baud rate
• USB enumeration information
• SDP service record
• File system information used for code, code patches, or data
External Reset
The BCM20705 has an integrated power-on reset circuit which completely resets all circuits to a known power
on state. This action can also be driven by an external reset signal, which can be used to externally control the
device, forcing it into a power-on reset state. The RST_N signal input is an active-low signal for all versions of
the BCM20705. The BCM20705 requires an external pull-up resistor on the RST_N input. Alternatively, the
RST_N input can be connected to REG_EN or driven directly by a host GPIO.


Numéro de pièce similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20705B0KWFBG CYPRESS-CYW20705B0KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Description similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com