Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYW20705B0KWFBGT Fiches technique(PDF) 36 Page - Cypress Semiconductor

No de pièce CYW20705B0KWFBGT
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705B0KWFBGT Fiches technique(HTML) 36 Page - Cypress Semiconductor

Back Button CYW20705B0KWFBGT Datasheet HTML 32Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 33Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 34Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 35Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 36Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 37Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 38Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 39Page - Cypress Semiconductor CYW20705B0KWFBGT Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
Frequency References
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 35
Se ction 6: F r eq ue ncy Referenc es
The BCM20705 uses two different frequency references for normal and low-power operational modes. An
external crystal or frequency reference driven by a Temperature Compensated Crystal Oscillator (TCXO) signal
is used to generate the radio frequencies and normal operation clocking. Either an external 32.768 kHz or fully
integrated internal Low-Power Oscillator (LPO) is used for low-power mode timing.
Crystal Interface and Clock Generation
The BCM20705 uses a fractional-N synthesizer to generate the radio frequencies, clocks, and data/packet
timing, enabling it to operate from any of a multitude of frequency sources. The source can be external, such as
a TCXO, or a crystal interfaced directly to the device.
The default frequency reference setting is for a 20 MHz crystal or TCXO. The signal characteristics for the
crystal interface are listed in Table 4 on page 35.
Table 4: Crystal Interface Signal Characteristics
Parameter
Crystal
External Frequency Reference Units
Acceptable frequencies
12–52 MHz in 2 ppma steps
a. The frequency step size is approximately 80 Hz resolution.
12–52 MHz in 2 ppma steps
Crystal load capacitance
12 (typical)
N/A
pF
ESR
60 (max)
Power dissipation
200 (max)
μW
Input signal amplitude
N/A
400 to 2000
2000 to 3300 (requires a 10 pF
DC blocking capacitor to
attenuate the signal)
mVp-p
Signal type
N/A
Square-wave or sine-wave
Input impedance
N/A
≥1
≤ 2
MΩ
pF
Phase noise
@ 1 kHz
@ 10 kHz
@ 100 kHz
@ 1 MHz
N/A
N/A
N/A
N/A
N/A
< –120b
< –131b
< –136b
< –136b
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Auto-detection frequencies when
using external LPOc
12, 13, 14.4, 15.36, 16.2,
16.8, 18, 19.2, 19.44, 19.68,
19.8, 20, 24, 26, 33.6, 37.4,
and 38.4
12, 13, 14.4, 15.36, 16.2, 16.8,
18, 19.2, 19.44, 19.68, 19.8, 20,
24, 26, 33.6, 37.4, and 38.4
MHz
Tolerance without frequency trimmingd ±20
±20
ppm
Initial frequency tolerance trimming
range
±50
±50
ppm


Numéro de pièce similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20705B0KWFBG CYPRESS-CYW20705B0KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Description similaire - CYW20705B0KWFBGT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
   Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com