Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCM20730 Datasheet(Fiches technique) 22 Page - Cypress Semiconductor

Numéro de pièce BCM20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Télécharger  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

BCM20730 Datasheet(HTML) 22 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Microprocessor Unit
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 21
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Microprocessor Unit
The BCM20730 microprocessor unit (µPU) executes software from the link control (LC) layer up to the
application layer components that ensure adherence to the Bluetooth Human Interface Device (HID) profile
and Audio/Video Remote Control Profile (AVRCP). The microprocessor is based on an ARM Cortex™-M3, 32-bit
RISC processor with embedded ICE-RT debug and JTAG interface units. The µPU has 320 KB of ROM for program
storage and boot-up, 60 KB of RAM for scratch-pad data, and patch RAM code.
The internal boot ROM provides power-on reset flexibility, which enables the same device to be used in
different HID applications with an external serial EEPROM or with an external serial flash memory. At power-
up, the lowest layer of the protocol stack is executed from the internal ROM memory.
External patches may be applied to the ROM-based firmware to provide flexibility for bug fixes and feature
additions. The device can also support the integration of user applications.
EEPROM Interface
The BCM20730 provides a Broadcom Serial Control (BSC) master interface. The BSC is programmed by the CPU
to generate four types of BSC bus transfers: read-only, write-only, combined read/write, and combined write/
read. BSC supports both low-speed and fast mode devices. The BSC is compatible with a Philips® (now NXP) I2C
slave device, except that master arbitration (multiple I2C masters contending for the bus) is not supported.
The EEPROM can contain customer application configuration information including: application code,
configuration data, patches, pairing information, BD_ADDR, baud rate, SDP service record, and file system
information used for code.
Native support for the Microchip® 24LC128, Microchip 24AA128, and ST Micro® M24128-BR is included.
Serial Flash Interface
The BCM20730 includes an SPI master controller that can be used to access serial flash memory. The SPI master
contains an AHB slave interface, transmit and receive FIFOs, and the SPI core PHY logic.
Devices natively supported include the following:
• Atmel® AT25BCM512B
• MXIC® MX25V512ZUI-20G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn