Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCM20730 Datasheet(Fiches technique) 47 Page - Cypress Semiconductor

Numéro de pièce BCM20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Télécharger  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

BCM20730 Datasheet(HTML) 47 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
RF Specifications
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 46
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
RF Specifications
Table 16: Receiver RF Specifications
Parameter
Mode and Conditions
Min
Typ
Max
Unit
Receiver Section
Frequency range
2402
2480
MHz
RX sensitivity (standard)
GFSK, 0.1%BER, 1 Mbps
–88.0
–84.0
dBm
RX sensitivity (low current)
–84.0
dBm
Input IP3
–16
dBm
Maximum input
–10
dBm
Interference Performance
C/I cochannel
GFSK, 0.1%BERa
a. Desired signal is 10 dB above the reference sensitivity level (defined as –70 dBm).
––
11.0
dB
C/I 1 MHz adjacent channel
GFSK, 0.1%BERa
––
0.0
dB
C/I 2 MHz adjacent channel
GFSK, 0.1%BERa
–30.0
dB
C/I
≥ 3 MHz adjacent channel
GFSK, 0.1%BERb
b. Desired signal is 3 dB above the reference sensitivity level (defined as –70 dBm).
–40.0
dB
C/I image channel
GFSK, 0.1%BERa
––
–9.0
dB
C/I 1 MHz adjacent to image
channel
GFSK, 0.1%BERa
–20.0
dB
Out-of-Band Blocking Performance (CW)b
30 MHz to 2000 MHz
0.1%BER
–10.0
dBm
2000 MHz to 2399 MHz
0.1%BER
–27
dBm
2498 MHz to 3000 MHz
0.1%BER
–27
dBm
3000 MHz to 12.75 GHz
0.1%BER
–10.0
dBm
Spurious Emissions
30 MHz to 1 GHz
–57.0
dBm
1 GHz to 12.75 GHz
–55.0
dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn