Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM20730 Fiches technique(PDF) 45 Page - Cypress Semiconductor

No de pièce BCM20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730 Fiches technique(HTML) 45 Page - Cypress Semiconductor

Back Button BCM20730 Datasheet HTML 41Page - Cypress Semiconductor BCM20730 Datasheet HTML 42Page - Cypress Semiconductor BCM20730 Datasheet HTML 43Page - Cypress Semiconductor BCM20730 Datasheet HTML 44Page - Cypress Semiconductor BCM20730 Datasheet HTML 45Page - Cypress Semiconductor BCM20730 Datasheet HTML 46Page - Cypress Semiconductor BCM20730 Datasheet HTML 47Page - Cypress Semiconductor BCM20730 Datasheet HTML 48Page - Cypress Semiconductor BCM20730 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Electrical Characteristics
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 44
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
Table 12: ADC Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ADC Characteristics
Number of Input
channels
––
28
Channel switching rate fch
133.33
kch/s
Input signal range
Vinp
–0
3.63
V
Reference settling time –
Changing refsel
7.5
μs
Input resistance
Rinp
Effective, single-ended
500
k
Ω
Input capacitance
Cinp
––
5
pF
Conversion rate
fC
–5.859
187
kHz
Conversion time
TC
5.35
170.7
μs
Resolution
R
16
bits
Effective number of
bits
––
See
Table 1 on
page 18
Absolute voltage
measurement error
Using on-chip ADC firmware
driver
–±2
%
Current
I
Iavdd1p2 + Iavdd3p3
––
1
mA
Power
P
1.5
mW
Leakage current
Ileakage
T = 25°C
100
nA
Power-up time
Tpowerup
200
μs
Integral nonlinearity3 INL
–1
1
LSBa
a. LSBs are expressed at the 10-bit level.
Differential
nonlinearitya
DNL
–1
1
LSBa
Table 13: Digital Levela
a. This table is also applicable to VDDMEM domain.
Characteristics
Symbol
Min
Typ
Max
Unit
Input low voltage
VIL
––
0.4
V
Input high voltage
VIH
0.75 × VDDO –
V
Input low voltage (VDDO = 1.62V)
VIL
––
0.4
V
Input high voltage (VDDO = 1.62V)
VIH
1.2
V
Output low voltageb
b. At the specified drive current for the pad.
VOL
––
0.4
V
Output high voltageb
VOH
VDDO – 0.4 –
V
Input capacitance (VDDMEM domain)
CIN
–0.12
pF


Numéro de pièce similaire - BCM20730

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM20730 CYPRESS-BCM20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBG CYPRESS-BCM20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KFBGT CYPRESS-BCM20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KML2G CYPRESS-BCM20730A1KML2G Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730A1KML2GT CYPRESS-BCM20730A1KML2GT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Description similaire - BCM20730

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com