Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BFP720 Datasheet(Fiches technique) 12 Page - Infineon Technologies AG

Numéro de pièce BFP720
Description  Low Noise Silicon Germanium Bipolar RF Transistor
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo 

BFP720 Datasheet(HTML) 12 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
BFP720
Electrical Characteristics
Data Sheet
12
Revision 1.1, 2012-10-19
5
Electrical Characteristics
5.1
DC Characteristics
5.2
General AC Characteristics
Table 5-1
DC Characteristics at
T
A = 25 °C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Collector emitter breakdown voltage
V(BR)CEO
44.7
V
IC =1mA, IB =0 mA
Collector emitter cutoff current
ICES
––
30
μA
VCE =13V, VBE =0 V
Collector base cutoff current
ICBO
––
100
nA
VCB =5 V, IE =0 mA
Emitter base cutoff current
IEBO
––
2
μA
VEB =0.5 V, IC =0 mA
DC current gain
hFE
160
250
400
IC =13mA, VCE =3V
pulse measured
Table 5-2
AC Characteristics at
T
A = 25 °C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Transition frequency
fT
–45
GHz
IC =13mA, VCE =3V
f =1GHz
Collector base capacitance
CCB
–0.06
pF
VCB =3 V, VBE =0 V
f =1MHz
emitter grounded
Collector emitter capacitance
CCE
–0.35
pF
VCE =3 V, VBE =0 V
f =1MHz
base grounded
Emitter base capacitance
CEB
–0.35
pF
VEB =0.5 V, VCB =0 V
f =1MHz
collector grounded


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn