Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BFP720 Datasheet(Fiches technique) 7 Page - Infineon Technologies AG

Numéro de pièce BFP720
Description  Low Noise Silicon Germanium Bipolar RF Transistor
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo 

BFP720 Datasheet(HTML) 7 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BFP720
Product Brief
Data Sheet
7
Revision 1.1, 2012-10-19
1
Product Brief
The BFP720 is a very low noise wideband NPN bipolar RF transistor. The device is based on Infineon’s reliable
high volume silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The collector design supports
voltages up to VCEO = 4 V and currents up to IC = 25 mA. The device is especially suited for mobile applications in
which low power consumption is a key requirement. The typical transition frequency is approximately 45 GHz,
hence the device offers high power gain at frequencies up to 12 GHz in amplifier applications. The device is
housed in an easy to use plastic package with visible leads.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn