Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BFP720F Datasheet(Fiches technique) 16 Page - Infineon Technologies AG

Numéro de pièce BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo 

BFP720F Datasheet(HTML) 16 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
BFP720F
Electrical Characteristics
Data Sheet
16
Revision 1.1, 2012-10-25
Table 5-8
AC Characteristics
, V
CE = 3 V, f = 2.4 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
Low noise operation point
High linearity operation point
Gms
Gms
22
25.5
dB
IC =5mA
IC =13mA
Transducer Gain
Low noise operation point
High linearity operation point
S21
S21
20.5
23
dB
ZS = ZL = 50
IC =5mA
IC =13mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
0.55
22
dB
ZS = Zopt
IC =5mA
IC =5mA
Linearity
1 dB gain compression point
3rd order intercept point
OP1dB
OIP3
6
21
dBm
ZS = ZL = 50
IC =13mA
IC =13mA
Table 5-9
AC Characteristics,
V
CE = 3 V, f = 3.5 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
Low noise operation point
High linearity operation point
Gms
Gms
20.5
23.5
dB
IC =5mA
IC =13mA
Transducer Gain
Low noise operation point
High linearity operation point
S21
S21
18
20.5
dB
ZS = ZL = 50
IC =5mA
IC =13mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
0.6
19.5
dB
ZS = Zopt
IC =5mA
IC =5mA
Linearity
1 dB gain compression point
3rd order intercept point
OP1dB
OIP3
6.5
21.5
dBm
ZS = ZL = 50
IC =13mA
IC =13mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn