Moteur de recherche de fiches techniques de composants électroniques |
|
TPK07KPXX Fiches technique(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
TPK07KPXX Fiches technique(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
1 / 5 page SANGDEST MICROELECTRONICS Technical Data Green Products Data Sheet N1508, Rev. A • Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113 (86) 25-87123907 • • FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn • TPK07KPXX TPK07KPXX TVS Rectifier Applications: • Protection from switching transients and induced RF Features: • Low profile surface mount • Unidirectional • Fast response • Suppresses transients up to 7000W @ 10/1000µs • Marking : body marked with TPK07KPXXX • This is a Pb − Free Device • Open top for heat dissipation and different connection options • All SMC parts are traceable to the wafer lot • All part are 100% tested: electrical, 1x surge test, visual inspection • Additional testing can be offered upon request Mechanical Dimensions:In Inches(mm) SPD-3 |
Numéro de pièce similaire - TPK07KPXX |
|
Description similaire - TPK07KPXX |