Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SMJD-2D12W4PD Datasheet(Fiches technique) 20 Page - Seoul Semiconductor

Numéro de pièce SMJD-2D12W4PD
Description  Connects directly to AC line voltage
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo 

SMJD-2D12W4PD Datasheet(HTML) 20 Page - Seoul Semiconductor

Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
20
SMJD-XD12W4PX - Acrich3 12.8W
Rev1,2, Apr 1, 2016
Packing
1. Tray information
2. Tray stack and taping
10 LED module trays and additional 1 dummy
trays each up and down of box
Add silica gel (1EA) on top of the tray
3. Sealing packing
Dielectric sealing pack
(700x700)
4. Box information & packing
20 PCS LED modules packed per tray
32EA trays
with LED modules
320 PCS modules per BOX 1EA
**
1 Box : 32 PCS per tray x 10 trays = 320 PCS
Box Size : 590 x 330 x 165 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn