Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMJD-2D12W4P3 Fiches technique(PDF) 19 Page - Seoul Semiconductor

No de pièce SMJD-2D12W4P3
Description  Connects directly to AC line voltage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-2D12W4P3 Fiches technique(HTML) 19 Page - Seoul Semiconductor

Back Button SMJD-2D12W4P3 Datasheet HTML 15Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 16Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 17Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 18Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 19Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 20Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 21Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 22Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 23Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
19
SMJD-XD12W4PX - Acrich3 13W
Rev1.3, Apr 1, 2016
Label Information
Notes
(1) It is attached to the bottom right corner of the box.
Notes
(1) The model number designation is explained as follow
SMJD : Seoul Semiconductor internal code
XD : Input Voltage (2D = 120V, 3D = 220V)
12W : About Power Consumption
4 : Acrich IC Version 3.0
PX: MJT PKG (D=SAW8KG0B, E=SAW9KG0B)
(2) It represents Module Optical SPEC.
Luminous flux : 12a, 12b, 12c
CCT : H~B
CRI : 80 or 90
CIE Area : 3 or 4(3step or 4step)
(3) It represents module CIE SPEC
CIE Area : 3step or 4step
(4) It is attached to the top of a sealing pack & the bottom right corner of the box.
Model No.
SMJD-XD12W4PX (1)
IIIII II IIIII III
Rank
12bG803 (2)
IIIII II IIIII III
Type
3-step(3)
Quantity
XX
IIIII II IIIII III
Date
YYMDDXXXXX-XXXXXXX
IIIII II IIIII III
SEOUL SEMICONDUCTOR CO.,LTD.
TOTAL Quantity
XX
SEOUL SEMICONDUCTOR CO.,LTD.


Numéro de pièce similaire - SMJD-2D12W4P3

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-2D12W4PD SEOUL-SMJD-2D12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-2D12W4PE SEOUL-SMJD-2D12W4PE Datasheet
1Mb / 25P
   Connects directly to AC line voltage
More results

Description similaire - SMJD-2D12W4P3

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com