Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMJD-XC16W4PD Fiches technique(PDF) 13 Page - Seoul Semiconductor

No de pièce SMJD-XC16W4PD
Description  Connects directly to AC line voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-XC16W4PD Fiches technique(HTML) 13 Page - Seoul Semiconductor

Back Button SMJD-XC16W4PD Datasheet HTML 9Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 10Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 11Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 12Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 13Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 14Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 15Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 16Page - Seoul Semiconductor SMJD-XC16W4PD Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SMJD-XC16W4PX - Acrich3 8W
13
Rev1.3, Apr 1, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Bin
x
y
Bin
x
y
Bin
x
y
Bin
x
y
C11
0.3376
0.3616
C21
0.3420
0.3652
C31
0.3463
0.3687
C41
0.3507
0.3724
0.3374
0.3554
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3542
0.3692
0.3420
0.3652
0.3463
0.3687
0.3507
0.3724
0.3551
0.3760
C12
0.3374
0.3554
C22
0.3415
0.3588
C32
0.3457
0.3622
C42
0.3500
0.3657
0.3371
0.3493
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3533
0.3624
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3542
0.3692
C13
0.3371
0.3493
C23
0.3411
0.3525
C33
0.3452
0.3558
C43
0.3492
0.3591
0.3369
0.3431
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3523
0.3555
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3533
0.3624
C14
0.3369
0.3431
C24
0.3407
0.3462
C34
0.3446
0.3493
C44
0.3485
0.3524
0.3366
0.3369
0.3403
0.3399
0.3440
0.3428
0.3477
0.3458
0.3403
0.3399
0.3440
0.3428
0.3477
0.3458
0.3514
0.3487
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3523
0.3555
CM
0.335
0.340
0.345
0.350
0.355
0.33
0.34
0.35
0.36
0.37
0.38
C44
C43
C42
C41
C34
C33
C32
C31
C24
C23
C22
C21
C14
C13
C12
5000K
C11
4700K
5300K
x


Numéro de pièce similaire - SMJD-XC16W4PD

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-XC16W4PX SEOUL-SMJD-XC16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
More results

Description similaire - SMJD-XC16W4PD

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD12W4P3 SEOUL-SMJD-XD12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com