Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU21026MUV-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BU21026MUV-E2
Description  4-wire Resistive Touch Screen Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU21026MUV-E2 Fiches technique(HTML) 4 Page - Rohm

  BU21026MUV-E2 Datasheet HTML 1Page - Rohm BU21026MUV-E2 Datasheet HTML 2Page - Rohm BU21026MUV-E2 Datasheet HTML 3Page - Rohm BU21026MUV-E2 Datasheet HTML 4Page - Rohm BU21026MUV-E2 Datasheet HTML 5Page - Rohm BU21026MUV-E2 Datasheet HTML 6Page - Rohm BU21026MUV-E2 Datasheet HTML 7Page - Rohm BU21026MUV-E2 Datasheet HTML 8Page - Rohm BU21026MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/19
TSZ02201-0L5L0FF00890-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
4.Aug.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU21026MUV
Block Diagram(s)
Touch Screen
Interface
Clock
Oscillator
A/D
Converter
Control
Logic
&
2-wire Serial
Interface
INT
Digital Filter
Touch
Detection
SDA
SCL
AD1
AD0
Power On
Reset
XP
YP
XN
YN
AUX
VDD
GND
Description of Block(s)
Power on Reset
BU21026MUV requests that the Power on Reset Timing should be observed. If the Power on Reset Timing not be observed,
BU21026MUV may wakeup with a random state. The touch detection and 2-wire serial interface is enabled after taking the
device ready time.
A/D Converter
BU21026MUV has a 12-bit Successive Approximation Resistor (SAR) Analog to Digital (A/D) converter. This A/D converter
is used for measuring X and Y position and Auxiliary input voltage. Output format is in straight binary as shown in below
table.
A/D Convertor Output Format
INPUT VOLTAGE
OUTPUT
(VREF - 1.5LSB) ~ VREF
FFFh
(VREF - 2.5LSB) ~ (VREF - 1.5LSB)
FFEh
(VREF - 3.5LSB) ~ (VREF - 2.5LSB)
FFDh
:
:
1.5LSB ~ 2.5LSB
002h
0.5LSB ~ 1.5LSB
001h
0 ~ 0.5LSB
000h
Note: VREF = VREFP – VREFN, LSB = VREF / 4095
Touch Screen I/F
A touch screen interface is consisted many switches. These switches are used for the driving screen voltage and selection
an input of the A/D converter. State of these switches is selected by a command that sent from the master.


Numéro de pièce similaire - BU21026MUV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21021GUL-E2 ROHM-BU21021GUL-E2 Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Description similaire - BU21026MUV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com