Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4551B Fiches technique(PDF) 9 Page - Rohm

No de pièce BU4551B
Description  Quad 2ch Analog Multiplexer/Demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4551B Fiches technique(HTML) 9 Page - Rohm

Back Button BU4551B Datasheet HTML 5Page - Rohm BU4551B Datasheet HTML 6Page - Rohm BU4551B Datasheet HTML 7Page - Rohm BU4551B Datasheet HTML 8Page - Rohm BU4551B Datasheet HTML 9Page - Rohm BU4551B Datasheet HTML 10Page - Rohm BU4551B Datasheet HTML 11Page - Rohm BU4551B Datasheet HTML 12Page - Rohm BU4551B Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/16
TSZ02201-0RDR0GZ00310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4551B BU4551BF BU4551BFV
Power Dissipation
Power dissipation (total loss) indicates the power that can be consumed by IC at TA=25°C(normal temperature). IC is
heated when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The
temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable
power is limited. Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and
thermal resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the
maximum value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin
or lead frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is
called thermal resistance, represented by the symbol θJA (°C/W).The temperature of IC inside the package can be
estimated by this thermal resistance. Figure 17 shows the model of thermal resistance of the package. Thermal resistance
θJA, ambient temperature TA, maximum junction temperature TJmax, and power dissipation PD can be calculated by the
equation below:
θJA = (TJmax - TA) / PD
(°C/W)
Derating curve in Figure 18 indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal
resistance θJA. Thermal resistance θJA depends on chip size, power consumption, package, ambient temperature, package
condition, wind velocity, etc even when the same of package is used. Thermal reduction curve indicates a reference value
measured at a specified condition.
I/O Equivalent Circuits
Pin No.
Control Input Terminal
Input / Output Terminals
9
1,2,3,4,5,6,10,11,12,13,14,15
Equivalence
Circuit
VDD
VDD
GND
GND
Figure 18. Derating Curve
Figure 17. Thermal Resistance
周囲温度
Ta [℃]
チップ 表面温度
Tj [℃]
消費電力 P [W]
Ambient temperature TA (℃)
Chip surface temperature TJ(℃)
θJA =( Tjmax - TA)/ PD (°C/W)
VDD
VDD
VDD
VDD
GND
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
Ambient Temperature [℃]
BU4551B (DIP16)
BU4551BFV (SSOP-B16)
BU4551BF (SOP16)
85
VSS
VEE
VSS


Numéro de pièce similaire - BU4551B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
BU4551B ROHM-BU4551B Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B ROHM-BU4551B Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BC ROHM-BU4551BC Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
More results

Description similaire - BU4551B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4551BC ROHM-BU4551BC Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com