Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4069UB Fiches technique(PDF) 4 Page - Rohm

No de pièce BU4069UB
Description  Quad 2-Input Hex Inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4069UB Fiches technique(HTML) 4 Page - Rohm

  BU4069UB Datasheet HTML 1Page - Rohm BU4069UB Datasheet HTML 2Page - Rohm BU4069UB Datasheet HTML 3Page - Rohm BU4069UB Datasheet HTML 4Page - Rohm BU4069UB Datasheet HTML 5Page - Rohm BU4069UB Datasheet HTML 6Page - Rohm BU4069UB Datasheet HTML 7Page - Rohm BU4069UB Datasheet HTML 8Page - Rohm BU4069UB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Datasheet
Datasheet
4/14
TSZ02201-0RDR1GZ00050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
09.Aug.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BU4069UB
BU4069UBF
BU4069UBFV
Test Circuits (one inverter circuit only)
V
V
IH
V
OL
1.V
IH
V VOH
2.V
IL
3.V
OH
4.V
OL
I
OH
5.I
OH
6.I
OL
A
V
OH
I
OL
A
V
OL
V
IL
V
IL
V
IH
V
IH
V
IL
+
+
VV
OH
I
OH
+
VV
OL
I
OL
+
+
+
Description of Symbols
tPHL : Time from 50% of the rise edge of input waveform to 50% of
the fall edge of output waveform
tPLH : Time from 50% of the fall edge of input waveform to 50% of
the rise edge of output waveform
tTHL : Time from 90% to 10% of fall edge of output waveform
tTLH : Time from 10% to 90% of rise edge of output waveform
INPUT
OUTPUT
20ns
20ns
90%
50%
10%
90%
50%
10%
tPLH
tTHL
tTLH
tPHL
CL=50pF
7. tTLH, tTHL, tPLH, tPHL
INPUT
OUTPUT


Numéro de pièce similaire - BU4069UB

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4069UB ROHM-BU4069UB Datasheet
48Kb / 4P
   Hex inverter
BU4069UB ROHM-BU4069UB Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UB ROHM-BU4069UB Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UB-E2 ROHM-BU4069UB-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBF ROHM-BU4069UBF Datasheet
48Kb / 4P
   Hex inverter
More results

Description similaire - BU4069UB

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
74C00 FAIRCHILD-74C00 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com