Moteur de recherche de fiches techniques de composants électroniques |
|
TMP05AKS-REEL Fiches technique(PDF) 5 Page - Analog Devices |
|
TMP05AKS-REEL Fiches technique(HTML) 5 Page - Analog Devices |
5 / 28 page TMP05/TMP06 Rev. 0 | Page 5 of 28 TMP05B/TMP06B SPECIFICATIONS All B Grade specifications apply for –40°C to +150°C; VDD decoupling capacitor is a 0.1 µF multilayer ceramic; TA = TMIN to TMAX, VDD = 3.0 V to 5.5 V, unless otherwise noted. Table 2. Parameter Min Typ Max Unit Test Conditions/Comments TEMPERATURE SENSOR AND ADC Nominal Conversion Rate (One Shot Mode) See Table 7 Accuracy1 @ VDD = 3.3 V (3.0 V – 3.6 V) ±0.5 ±1 °C TA = 25°C to 70°C, VDD = 3.0 V − 3.6 V ±1.25 °C TA = 0°C to 70°C, VDD = 3.0 V − 3.6 V ±1.5 °C TA = –40°C to +70°C, VDD = 3.0 V − 3.6 V ±2 °C TA = –40°C to +100°C, VDD = 3.0 V − 3.6 V ±2.5 °C TA = –40°C to +125°C, VDD = 3.0 V − 3.6 V ±32 °C TA = –40°C to +150°C, VDD = 3.0 V − 3.6 V Accuracy @ VDD = 5.0 V (4.5 V – 5.5 V) 1.5 °C TA = 0°C to 125°C, VDD = 4.5 V − 5.5 V Temperature Resolution 0.025 °C/5 µs Step size for every 5 µs on TL TH Pulse Width 40 ms TA = 25°C, nominal conversion rate TL Pulse Width 76 ms TA = 25°C, nominal conversion rate Quarter Period Conversion Rate (All Operating Modes) See Table 7 Accuracy @ VDD = 3.3 V (3.0 V – 3.6 V) ±1.5 °C TA = –40°C to +150°C Accuracy @ VDD = 5.0 V (4.5 V – 5.5 V) ±1.5 °C TA = 0°C to 125°C Temperature Resolution 0.1 °C/5 µs Step size for every 5 µs on TL TH Pulse Width 10 ms TA = 25°C, QP conversion rate TL Pulse Width 19 ms TA = 25°C, QP conversion rate Double High/Quarter Low Conversion Rate (All Operating Modes) See Table 7 Accuracy @ VDD = 3.3 V (3.0 V – 3.6 V) ±1.5 °C TA = –40°C to +150°C Accuracy @ VDD = 5 V (4.5 V – 5.5 V) ±1.5 °C TA = 0°C to 125°C Temperature Resolution 0.1 °C/5 µs Step size for every 5 µs on TL TH Pulse Width 80 ms TA = 25°C, DH/QL conversion rate TL Pulse Width 19 ms TA = 25°C, DH/QL conversion rate Long Term Drift 0.081 °C Drift over 10 years, if part is operated at 55°C SUPPLIES Supply Voltage 3 5.5 V Supply Current Normal Mode3 @ 3.3 V 370 550 µA Nominal conversion rate Normal Mode3 @ 5.0 V 425 650 µA Nominal conversion rate Quiescent3 @ 3.3 V 3 6 µA Device not converting, output is high Quiescent3 @ 5.0 V 5.5 10 µA Device not converting, output is high One Shot Mode @ 1 SPS 30.9 µA Average current @ VDD = 3.3 V, nominal conversion rate @ 25°C 37.38 µA Average current @ VDD = 5.0 V, nominal conversion rate @ 25°C Power Dissipation 803.33 µW VDD = 3.3 V, continuously converting at nominal conversion rates @ 25°C 1 SPS 101.9 µW Average power dissipated for VDD = 3.3 V, one shot mode @ 25°C 186.9 µW Average power dissipated for VDD = 5.0 V, one shot mode @ 25°C |
Numéro de pièce similaire - TMP05AKS-REEL |
|
Description similaire - TMP05AKS-REEL |