Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS4881-CDA Fiches technique(PDF) 1 Page - Gennum Corporation

No de pièce GS4881-CDA
Description  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881-CDA Fiches technique(HTML) 1 Page - Gennum Corporation

  GS4881-CDA Datasheet HTML 1Page - Gennum Corporation GS4881-CDA Datasheet HTML 2Page - Gennum Corporation GS4881-CDA Datasheet HTML 3Page - Gennum Corporation GS4881-CDA Datasheet HTML 4Page - Gennum Corporation GS4881-CDA Datasheet HTML 5Page - Gennum Corporation GS4881-CDA Datasheet HTML 6Page - Gennum Corporation GS4881-CDA Datasheet HTML 7Page - Gennum Corporation GS4881-CDA Datasheet HTML 8Page - Gennum Corporation GS4881-CDA Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Document No. 520 - 23 - 03
DATA SHEET
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-2055
Japan Branch: A-302 Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168, Japan
tel. (03) 3247-8838
fax (03) 3247-8839
FEATURES
GS1881, GS4881, GS4981
Monolithic Video Sync Separators
DESCRIPTION
The GS1881, GS4881 and GS4981 are general purpose sync
separators for use in a wide variety of video applications. The
devices extract the timing information from composite video
signals with scan rates from 15 to 130 kHz.
The GS1881 is a drop-in replacement for the industry standard
LM1881 with much improved performance. The device
generates composite sync, vertical sync, back porch and
odd/even field signals. The GS4881 is identical to the GS1881
but features a noise immune back porch pulse which maintains
a constant H rate during the vertical interval. The GS4981 is
identical to the GS4881, except that it provides horizontal sync
in place of the odd/even output.
All three devices feature a self-adjusting windowing circuit for
noise immunity, which synchronizes to H rate. This
windowing circuit determines the odd or even field
in the GS1881 and GS4881, gates the back porch pulse in
the GS4881 and GS4981, and generates the horizontal sync
output in the GS4981.
The devices feature an improved input stage which ensures
that the input signal is sliced at a predictable point due to
well-controlled input clamp discharge current and sync
slicing level. A missing pulse detector enables the devices to
recover quickly from impulse noise disturbances by temporarily
increasing the clamp discharge current by roughly ten times.
The input stage will operate with signals from 0.5 to 4 volts
peak to peak with a 5 volt supply.
The GS1881, GS4881 and GS4981 also feature a predictable
vertical output pulse width with a default trigger for non-standard
video signals. All three are available in commercial and
industrial temperature ranges and are packaged in both DIP
and SOIC.
• noise tolerant odd/even flag, back porch and
horizontal sync pulse
• fast recovery from impulse noise
• excellent temperature stability
• 0.5 V to 4 Vpp input signal amplitude with 5 V
supply
• well-controlled clamp discharge current and
slicing level
• programmable horizontal scan rate (up to 130 kHz)
• composite, vertical, back porch, odd/even
(GS1881, GS4881), horizontal (GS4981) outputs
• predictable vertical output pulse width with
default trigger for non-standard video signals
• 5 V to 12 V supply voltage range
• pin compatible with LM1881 sync separator
APPLICATION
CHOOSE DEVICE:
Direct LM1881 Replacement
GS1881
with Improved Performance
New Applications
GS4881
Substitution for LM1881
New Applications Requiring
GS4981
Horizontal Sync Output
SELECTION CHART
R
SET
BACK PORCH
ODD/EVEN
GROUND
V
cc
8 PIN DIP
8 PIN SOIC
COMPOSITE
SYNC OUT
COMPOSITE
VIDEO IN
VERTICAL
SYNC OUT
1
2
3
4
8
7
6
5
R
SET
BACK PORCH
GROUND
V
cc
8 PIN DIP
8 PIN SOIC
GS4981
COMPOSITE
SYNC OUT
COMPOSITE
VIDEO IN
VERTICAL
SYNC OUT
1
2
3
4
8
7
6
5
HORIZONTAL
GS1881, GS4881
PIN CONNECTIONS
Revision Date: October 1995
Patent No. 5,432,559


Numéro de pièce similaire - GS4881-CDA

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

Description similaire - GS4881-CDA

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com