Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD05DT3 Fiches technique(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No de pièce LCD05DT3
Description  UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Site Internet  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCD05DT3 Fiches technique(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCD05DT3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCD05DT3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCD05DT3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD05DT3
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
RoHS Compliant
Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet
Dimensions SOT-23
Pin Configuration
Mechanical Characteristics
Package: SOT-23
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:3,000pcs
Reel Size:7inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
180
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150


Numéro de pièce similaire - LCD05DT3

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
LCD05C PROTEC-LCD05C Datasheet
204Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCD05C PROTEC-LCD05C Datasheet
86Kb / 5P
   5LOW CAPACITANCE TVS ARRAY
LCD05C PROTEC-LCD05C Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_07 Datasheet
86Kb / 5P
   5LOW CAPACITANCE TVS ARRAY
More results

Description similaire - LCD05DT3

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
LCC08DT LEIDITECH-LCC08DT Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD08DT3 LEIDITECH-LCD08DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD18DT3 LEIDITECH-LCD18DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD12DT3 LEIDITECH-LCD12DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD33DT3 LEIDITECH-LCD33DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD24DT3 LEIDITECH-LCD24DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD15DT3 LEIDITECH-LCD15DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LC1234DT4 LEIDITECH-LC1234DT4 Datasheet
1,000Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE ARRAY
ESD05BAT3 LEIDITECH-ESD05BAT3 Datasheet
181Kb / 3P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE ARRAY
LC0534DT4 LEIDITECH-LC0534DT4 Datasheet
952Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE ARRAY
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com