Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4931DY Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4931DY
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4931DY Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4931DY Datasheet HTML 1Page - Vishay Siliconix SI4931DY Datasheet HTML 2Page - Vishay Siliconix SI4931DY Datasheet HTML 3Page - Vishay Siliconix SI4931DY Datasheet HTML 4Page - Vishay Siliconix SI4931DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D Advanced High Cell Density Process
APPLICATIONS
D Load Switching
Si4931DY
Vishay Siliconix
New Product
Document Number: 72379
S-32411—Rev. B, 24-Nov-03
www.vishay.com
1
Dual P-Channel 12-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.018 @ VGS = −4.5 V
−8.9
−12
0.022 @ VGS = −2.5 V
−8.1
0.028 @ VGS = −1.8 V
−3.6
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Ordering Information: Si4931DY—E3
Si4931DY-T1—E3 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−12
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−8.9
−6.7
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−7.1
−5.4
A
Pulsed Drain Current
IDM
−30
A
continuous Source Current (Diode Conduction)a
IS
−1.7
−0.9
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.1
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
46
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
80
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
24
32
C/W
Notes
a.
Surface Mounted on 1 ” x 1” FR4 Board.


Numéro de pièce similaire - SI4931DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4931DY VISHAY-SI4931DY Datasheet
204Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 28-Nov-05
SI4931DY VISHAY-SI4931DY Datasheet
608Kb / 8P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4931DY-T1-E3 VBSEMI-SI4931DY-T1-E3 Datasheet
1Mb / 8P
   Dual P-Channel 20V (D-S) MOSFET
logo
Vishay Siliconix
SI4931DY VISHAY-SI4931DY_05 Datasheet
204Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 28-Nov-05
SI4931DY VISHAY-SI4931DY_V01 Datasheet
608Kb / 8P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4931DY

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com